Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8853AIT140K Datasheet(PDF) 8 Page - Analog Microelectronics

Part # AME8853AIT140K
Description  High PSRR, Low Noise, 300mA CMOS Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8853AIT140K Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME8853AIT140K Datasheet HTML 4Page - Analog Microelectronics AME8853AIT140K Datasheet HTML 5Page - Analog Microelectronics AME8853AIT140K Datasheet HTML 6Page - Analog Microelectronics AME8853AIT140K Datasheet HTML 7Page - Analog Microelectronics AME8853AIT140K Datasheet HTML 8Page - Analog Microelectronics AME8853AIT140K Datasheet HTML 9Page - Analog Microelectronics AME8853AIT140K Datasheet HTML 10Page - Analog Microelectronics AME8853AIT140K Datasheet HTML 11Page - Analog Microelectronics AME8853AIT140K Datasheet HTML 12Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
AME
8
High PSRR, Low Noise, 300mA
CMOS Regulator
AME8853
Rev. C.03
n Electrical Specifications
V
IN=VOUT(NOM) +1V, (for VOUT<2V, VIN=2.5V), IOUT=1mA, and COUT=1µF, CIN=1µF unless otherwise noted.
Typical values are at T
A=25
oC.
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
2.5
5.5
V
Output Voltage Range
V
OUT
0.8
4.3
V
Note2
500
400
220
300
Output Current
IOUT
300
mA
Quiescent Current
IQ
60
90
µA
0.125
0.25
0.1
0.2
0.05
0.1
0.05
0.1
1.5
3.0
1.25
2.5
1.0
2
Load Regulation
REGLOAD
1mA≦IOUT≦300mA
0.8V≦VOUT(NOM)≦1.2V
%/A
1mA≦I
OUT ≦300mA
1.2V≦V
OUT(NOM)≦2.0V
1mA≦IOUT≦300mA
2.0V<VOUT(NOM)
Line Regulation
REGLINE
IOUT=1mA, 0.8V≦VOUT≦1.2V,
2.5V≦VIN≦3.5V
%/V
IOUT=1mA, 1.2V<VOUT≦2.0V,
2.5V≦VIN≦3.5V
I
OUT=1mA, 2.0V<VOUT ≦4.2V,
V
IN(MIN)≦VIN≦VIN(MIN)+1V
IOUT=1mA, 4.2V<VOUT≦4.5V,
VIN(MIN)≦VIN≦5.5V (Note2)
IOUT=300mA, 0.8V≦VOUT(NOM)≦2.0V
mV
IOUT=300mA, 2.0V<VOUT(NOM)≦2.4V
IOUT=300mA, 2.4V<VOUT(NOM)≦2.8V
I
OUT=300mA, 2.8V<VOUT(NOM)
Output Accuracy
VOUT,ACC
Dropout Voltage
(Note 1)
VDROP
Test Condition
%
-2.0
2.0
IOUT=1mA
IOUT=0mA
OUT
IN
OUT
V
V
V
%
100
×
OUT
OUT
OUT
I
V
V
×
%
100


Similar Part No. - AME8853AIT140K

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8853A AME-AME8853A Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AAET080K AME-AME8853AAET080K Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AAET090K AME-AME8853AAET090K Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AAET100K AME-AME8853AAET100K Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AAET110K AME-AME8853AAET110K Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
More results

Similar Description - AME8853AIT140K

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8853A AME-AME8853A Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
logo
Taiwan Semiconductor Co...
TS9008DCX5 TSC-TS9008DCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008PCX5 TSC-TS9008PCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008 TSC-TS9008_14 Datasheet
328Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008ACX TSC-TS9008ACX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008ACX5 TSC-TS9008ACX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008DCX TSC-TS9008DCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008NCX5 TSC-TS9008NCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX5 TSC-TS9008SCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX TSC-TS9008SCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com