Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8853AIU140K Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AME8853AIU140K
Description  High PSRR, Low Noise, 300mA CMOS Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8853AIU140K Datasheet(HTML) 3 Page - Analog Microelectronics

  AME8853AIU140K Datasheet HTML 1Page - Analog Microelectronics AME8853AIU140K Datasheet HTML 2Page - Analog Microelectronics AME8853AIU140K Datasheet HTML 3Page - Analog Microelectronics AME8853AIU140K Datasheet HTML 4Page - Analog Microelectronics AME8853AIU140K Datasheet HTML 5Page - Analog Microelectronics AME8853AIU140K Datasheet HTML 6Page - Analog Microelectronics AME8853AIU140K Datasheet HTML 7Page - Analog Microelectronics AME8853AIU140K Datasheet HTML 8Page - Analog Microelectronics AME8853AIU140K Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
AME
3
AME8853
Rev. C.03
High PSRR, Low Noise, 300mA
CMOS Regulator
n Pin Description
SC-70-5
SOT-25/TSOT-25A
Pin Number Pin Name
Pin Description
1
IN
Input voltage pin; should be decoupled with 1µF or greater capacitor.
2
GND
Ground connection pin.
3
EN
Enable pin, Active “high". When pulled “low”, the PMOS pass transistor turns off,
current consuming less than 1µA. When EN pin float outside, it’s weakly pulled
high.
4
NC
No connection.
5
OUT
LDO voltage regulator output pin; should be decoupled with a 1.0µF or greater
value low ESR ceramic capacitor.
Pin Number Pin Name
Pin Description
1
IN
Input voltage pin; should be decoupled with 1µF or greater capacitor.
2
GND
Ground connection pin.
3
EN
Enable pin, Active “high". When pulled “low”, the PMOS pass transistor turns off,
current consuming less than 1µA. When EN pin float outside, it’s weakly pulled
high form internal MOS.
4
NC
No connection.
5
OUT
LDO voltage regulator output pin; should be decoupled with a 1.0µF or greater
value low ESR ceramic capacitor.


Similar Part No. - AME8853AIU140K

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8853A AME-AME8853A Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AAET080K AME-AME8853AAET080K Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AAET090K AME-AME8853AAET090K Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AAET100K AME-AME8853AAET100K Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AAET110K AME-AME8853AAET110K Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
More results

Similar Description - AME8853AIU140K

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8853A AME-AME8853A Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
logo
Taiwan Semiconductor Co...
TS9008DCX5 TSC-TS9008DCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008PCX5 TSC-TS9008PCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008 TSC-TS9008_14 Datasheet
328Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008ACX TSC-TS9008ACX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008ACX5 TSC-TS9008ACX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008DCX TSC-TS9008DCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008NCX5 TSC-TS9008NCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX5 TSC-TS9008SCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX TSC-TS9008SCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com