Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8853AAIV150K Datasheet(PDF) 6 Page - Analog Microelectronics

Part # AME8853AAIV150K
Description  High PSRR, Low Noise, 300mA CMOS Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8853AAIV150K Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button AME8853AAIV150K Datasheet HTML 2Page - Analog Microelectronics AME8853AAIV150K Datasheet HTML 3Page - Analog Microelectronics AME8853AAIV150K Datasheet HTML 4Page - Analog Microelectronics AME8853AAIV150K Datasheet HTML 5Page - Analog Microelectronics AME8853AAIV150K Datasheet HTML 6Page - Analog Microelectronics AME8853AAIV150K Datasheet HTML 7Page - Analog Microelectronics AME8853AAIV150K Datasheet HTML 8Page - Analog Microelectronics AME8853AAIV150K Datasheet HTML 9Page - Analog Microelectronics AME8853AAIV150K Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
AME
6
High PSRR, Low Noise, 300mA
CMOS Regulator
AME8853A
Rev.C.01
n Absolute Maximum Ratings
n Recommended Operating Conditions
Parameter
Symbol
Rating
Unit
Ambient Temperature Range
TA
- 40 to +85
oC
Junction Temperaturen Range
TJ
- 40 to +125
oC
Storage Temperaturen Range
TSTG
- 65 to +150
oC
Parameter
Symbol
Maximum
Unit
Input Voltage
VIN
-0.3 to 6
V
EN Voltage
VEN
-0.3 to 6
V
Output Current
IOUT
PD/(VIN-VOUT)
mA
Output Voltage
VOUT
GND-0.3 to VIN+0.3
V
HBM
2
kV
MM
200
V
ESD Classification


Similar Part No. - AME8853AAIV150K

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8853AET080K AME-AME8853AET080K Datasheet
380Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AET090K AME-AME8853AET090K Datasheet
380Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AET100K AME-AME8853AET100K Datasheet
380Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AET110K AME-AME8853AET110K Datasheet
380Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AET120K AME-AME8853AET120K Datasheet
380Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
More results

Similar Description - AME8853AAIV150K

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8853 AME-AME8853 Datasheet
380Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
logo
Taiwan Semiconductor Co...
TS9008DCX5 TSC-TS9008DCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008PCX5 TSC-TS9008PCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008 TSC-TS9008_14 Datasheet
328Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008ACX TSC-TS9008ACX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008ACX5 TSC-TS9008ACX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008DCX TSC-TS9008DCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008NCX5 TSC-TS9008NCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX5 TSC-TS9008SCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX TSC-TS9008SCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com