Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8855ABEA100 Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AME8855ABEA100
Description  High PSRR, Low Noise, 600mA CMOS Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8855ABEA100 Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME8855ABEA100 Datasheet HTML 6Page - Analog Microelectronics AME8855ABEA100 Datasheet HTML 7Page - Analog Microelectronics AME8855ABEA100 Datasheet HTML 8Page - Analog Microelectronics AME8855ABEA100 Datasheet HTML 9Page - Analog Microelectronics AME8855ABEA100 Datasheet HTML 10Page - Analog Microelectronics AME8855ABEA100 Datasheet HTML 11Page - Analog Microelectronics AME8855ABEA100 Datasheet HTML 12Page - Analog Microelectronics AME8855ABEA100 Datasheet HTML 13Page - Analog Microelectronics AME8855ABEA100 Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
AME
10
High PSRR, Low Noise, 600mA
CMOS Regulator
AME8855A
Rev. B.02
n Electrical Specifications
V
IN=VOUT(NOM) +1V, (for VOUT<2V, VIN=2.8V), IOUT=1mA, and COUT=1µF, CIN=1µF unless otherwise noted.
Typical values are at T
A=25
oC.
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
2.8
5.5
V
Output Voltage Range
VOUT
0.8
4.3
V
Note2
850
420
650
Output Current
IOUT
600
mA
Quiescent Current
I
Q
60
90
µA
0.125
0.25
0.1
0.2
0.05
0.1
0.05
0.25
1.5
3
1.25
2.5
1.0
2.0
mV
-2.0
2.0
IOUT=0mA
Test Condition
%
Output Accuracy
VOUT,ACC
IOUT=1mA
Dropout Voltage
(Note 1)
VDROP
IOUT=600mA, 0.8V≦VOUT(NOM)≦2.0V
I
OUT=600mA, 2.0V<VOUT(NOM)≦2.8V
IOUT=600mA, 2.8V<VOUT(NOM)
Line Regulation
REGLINE
IOUT=1mA, 0.8V≦VOUT≦1.2V,
2.8V≦VIN≦3.5V
%/V
I
OUT=1mA, 1.2V<VOUT≦2.0V,
2.8V≦V
IN≦3.5V
IOUT=1mA, 2.0V<VOUT≦4.2V,
VIN(MIN)≦VIN≦VIN(MIN)+1V
IOUT=1mA, 4.2V<VOUT≦4.5V,
VIN(MIN)≦VIN≦5.5V
Load Regulation
REGLOAD
1mA≦IOUT≦600mA
0.8V≦VOUT(NOM)≦1.2V
%/A
1mA≦I
OUT≦600mA
1.2V≦VOUT(NOM)≦2.0V
1mA≦IOUT≦600mA
2.0V<VOUT(NOM)
OUT
IN
OUT
V
V
V
%
100
×
OUT
OUT
OUT
I
V
V
×
%
100


Similar Part No. - AME8855ABEA100

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8855AEA080 AME-AME8855AEA080 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
AME8855AEA090 AME-AME8855AEA090 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
AME8855AEA100 AME-AME8855AEA100 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
AME8855AEA110 AME-AME8855AEA110 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
AME8855AET080 AME-AME8855AET080 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
More results

Similar Description - AME8855ABEA100

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8855 AME-AME8855 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
logo
Eutech Microelectronics...
EUP7907A EUTECH-EUP7907A Datasheet
440Kb / 12P
   600mA Low Noise High PSRR Low Dropout Linear Regulator
logo
Excelliance MOS Corp.
EM1106 EXCELLIANCE-EM1106 Datasheet
815Kb / 10P
   600mA High PSRR Low Noise LDO
logo
Analog Microelectronics
AME8853A AME-AME8853A Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8852A AME-AME8852A_16 Datasheet
468Kb / 20P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8853 AME-AME8853 Datasheet
380Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8852 AME-AME8852_16 Datasheet
339Kb / 23P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A AME-AME8852A Datasheet
220Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852 AME-AME8852 Datasheet
205Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
logo
Global Mixed-mode Techn...
G9188 GMT-G9188 Datasheet
50Kb / 1P
   600mA High PSRR, Low Noise, LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com