Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8855ACGA100 Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AME8855ACGA100
Description  High PSRR, Low Noise, 600mA CMOS Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8855ACGA100 Datasheet(HTML) 2 Page - Analog Microelectronics

  AME8855ACGA100 Datasheet HTML 1Page - Analog Microelectronics AME8855ACGA100 Datasheet HTML 2Page - Analog Microelectronics AME8855ACGA100 Datasheet HTML 3Page - Analog Microelectronics AME8855ACGA100 Datasheet HTML 4Page - Analog Microelectronics AME8855ACGA100 Datasheet HTML 5Page - Analog Microelectronics AME8855ACGA100 Datasheet HTML 6Page - Analog Microelectronics AME8855ACGA100 Datasheet HTML 7Page - Analog Microelectronics AME8855ACGA100 Datasheet HTML 8Page - Analog Microelectronics AME8855ACGA100 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
AME
2
High PSRR, Low Noise, 600mA
CMOS Regulator
AME8855A
Rev. B.02
n Pin Configuration
SOT-223
Top View
AME8855A-AGTxxx
1. IN
2. GND (TAB)
3. OUT
* Die Attach:
Conductive Epoxy
SOT-223
Top View
AME8855A-BGTxxx
1. GND
2. OUT (TAB)
3. IN
* Die Attach:
Non-Conductive Epoxy
SOT-89
Top View
AME8855A-AFTxxx
1. IN
2. GND (TAB)
3. OUT
* Die Attach:
Conductive Epoxy
3 Pin
SOT-89
Top View
AME8855A-CFTxxx
1. GND
2. IN (TAB)
3. OUT
* Die Attach:
Non-Conductive Epoxy
SOT-89
Top View
AME8855A-BFTxxx
1. GND
2. OUT (TAB)
3. IN
* Die Attach:
Non-Conductive Epoxy
1
3
2
AME8855 A
1
3
2
AME8855 A
1
3
2
AME8855A
1
3
2
AME8855A
1
3
2
AME8855A


Similar Part No. - AME8855ACGA100

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8855AEA080 AME-AME8855AEA080 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
AME8855AEA090 AME-AME8855AEA090 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
AME8855AEA100 AME-AME8855AEA100 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
AME8855AEA110 AME-AME8855AEA110 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
AME8855AET080 AME-AME8855AET080 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
More results

Similar Description - AME8855ACGA100

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8855 AME-AME8855 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
logo
Eutech Microelectronics...
EUP7907A EUTECH-EUP7907A Datasheet
440Kb / 12P
   600mA Low Noise High PSRR Low Dropout Linear Regulator
logo
Excelliance MOS Corp.
EM1106 EXCELLIANCE-EM1106 Datasheet
815Kb / 10P
   600mA High PSRR Low Noise LDO
logo
Analog Microelectronics
AME8853A AME-AME8853A Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8852A AME-AME8852A_16 Datasheet
468Kb / 20P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8853 AME-AME8853 Datasheet
380Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8852 AME-AME8852_16 Datasheet
339Kb / 23P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A AME-AME8852A Datasheet
220Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852 AME-AME8852 Datasheet
205Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
logo
Global Mixed-mode Techn...
G9188 GMT-G9188 Datasheet
50Kb / 1P
   600mA High PSRR, Low Noise, LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com