Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8855ACHV100 Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME8855ACHV100
Description  High PSRR, Low Noise, 600mA CMOS Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8855ACHV100 Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME8855ACHV100 Datasheet HTML 7Page - Analog Microelectronics AME8855ACHV100 Datasheet HTML 8Page - Analog Microelectronics AME8855ACHV100 Datasheet HTML 9Page - Analog Microelectronics AME8855ACHV100 Datasheet HTML 10Page - Analog Microelectronics AME8855ACHV100 Datasheet HTML 11Page - Analog Microelectronics AME8855ACHV100 Datasheet HTML 12Page - Analog Microelectronics AME8855ACHV100 Datasheet HTML 13Page - Analog Microelectronics AME8855ACHV100 Datasheet HTML 14Page - Analog Microelectronics AME8855ACHV100 Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
AME
11
AME8855A
Rev. B.02
High PSRR, Low Noise, 600mA
CMOS Regulator
n Electrical Specifications (Contd.)
Note1: Dropout Voltage is measured at V
OUT=VOUT(NOM)x98%
Note2:For V
OUT below 2.0V, Dropout Voltage is the Input(MIN) Voltage to Output Voltage differential.
Parameter
Symbol
Min
Typ
Max
Units
F=100Hz
60
F=1KHz
60
F=10KHz
60
Output Voltage Noise
eN
100
µV
RMS
Enable High (Enabled)
V
EN,HI
1.4
V
IN
Enable Low (Shutdown)
VEN,LO
0
0.4
IEN,HI
8
IEN,LO
1
Shutdown Current
ISHDN
0.1
1
µA
Shutdown Output Voltage
V
OUT,SD
0.4
V
Output Current Limit
ILIM
750
Short-Circuit Current
ISC
300
Thermal Shutdown
Temperature
TSHDN
150
Thermal Shutdown
Hysteresis
TSHDN(HYS)
20
IOUT=0.4mA, VEN=0
V
EN=0V
µA
Shutdown, temperature increasing
oC
Protection
VOUT=0.9 x VOUT(NOM)
VOUT≦0.6V
mA
V
IN(MIN)≦VIN≦5.5V
VEN=VIN
Enable Input Bias Current
V
IN=5.0V, V EN=0V
Power Supply
Rejection Ration
PSRR
COUT=1uF, VOUT=0.8V
IOUT=10mA
VIN=2.8V
VIN(MIN)≦VIN≦5.5V
Test Condition
IOUT=10mA, VOUT=0.8V,
f=1Hz to 100KHz
V
dB


Similar Part No. - AME8855ACHV100

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8855AEA080 AME-AME8855AEA080 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
AME8855AEA090 AME-AME8855AEA090 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
AME8855AEA100 AME-AME8855AEA100 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
AME8855AEA110 AME-AME8855AEA110 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
AME8855AET080 AME-AME8855AET080 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
More results

Similar Description - AME8855ACHV100

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8855 AME-AME8855 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
logo
Eutech Microelectronics...
EUP7907A EUTECH-EUP7907A Datasheet
440Kb / 12P
   600mA Low Noise High PSRR Low Dropout Linear Regulator
logo
Excelliance MOS Corp.
EM1106 EXCELLIANCE-EM1106 Datasheet
815Kb / 10P
   600mA High PSRR Low Noise LDO
logo
Analog Microelectronics
AME8853A AME-AME8853A Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8852A AME-AME8852A_16 Datasheet
468Kb / 20P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8853 AME-AME8853 Datasheet
380Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8852 AME-AME8852_16 Datasheet
339Kb / 23P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A AME-AME8852A Datasheet
220Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852 AME-AME8852 Datasheet
205Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
logo
Global Mixed-mode Techn...
G9188 GMT-G9188 Datasheet
50Kb / 1P
   600mA High PSRR, Low Noise, LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com