Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847QAPN Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BC847QAPN
Description  45 V, 100 mA NPN/PNP general-purpose transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC847QAPN Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BC847QAPN Datasheet HTML 6Page - NXP Semiconductors BC847QAPN Datasheet HTML 7Page - NXP Semiconductors BC847QAPN Datasheet HTML 8Page - NXP Semiconductors BC847QAPN Datasheet HTML 9Page - NXP Semiconductors BC847QAPN Datasheet HTML 10Page - NXP Semiconductors BC847QAPN Datasheet HTML 11Page - NXP Semiconductors BC847QAPN Datasheet HTML 12Page - NXP Semiconductors BC847QAPN Datasheet HTML 13Page - NXP Semiconductors BC847QAPN Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NXP Semiconductors
BC847QAPN
45 V, 100 mA NPN/PNP general-purpose transistor
BC847QAPN
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
19 July 2013
10 / 14
13. Soldering
SOT1216
Footprint information for reflow soldering of DFN1010B-6 package
sot1216_fr
solder land
solder resist
solder land plus solder paste
occupied area
Dimensions in mm
Issue date 12-11-23
13-03-06
0.3 (6x)
1.1
0.6
0.25
0.35
0.35
0.5
1.2
1.3
0.25
1
1.35
0.35
0.15
0.15
0.2 (6x)
0.35
0.9
Fig. 17. Reflow soldering footprint for DFN1010B-6 (SOT1216)


Similar Part No. - BC847QAPN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC847QAPN NEXPERIA-BC847QAPN Datasheet
260Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose transistor
30 October 2018
More results

Similar Description - BC847QAPN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847BPN115 PHILIPS-BC847BPN115 Datasheet
108Kb / 14P
   45 V, 100 mA NPN/PNP general-purpose transistor
Rev. 04-18 February 2009
logo
Nexperia B.V. All right...
BC847BVN NEXPERIA-BC847BVN Datasheet
200Kb / 9P
   45 V, 100 mA NPN/PNP general purpose transistor
27 December 2022
BC847BPN-Q NEXPERIA-BC847BPN-Q Datasheet
267Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose transistor
17 June 2021
BC847BPN NEXPERIA-BC847BPN Datasheet
264Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose transistor
1 July 2022
BC847QAPN NEXPERIA-BC847QAPN Datasheet
260Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose transistor
30 October 2018
logo
NXP Semiconductors
BC847BPN NXP-BC847BPN Datasheet
108Kb / 14P
   45 V, 100 mA NPN/PNP general-purpose transistor
Rev. 04-18 February 2009
logo
Nexperia B.V. All right...
BC847BPNH-Q NEXPERIA-BC847BPNH-Q Datasheet
268Kb / 12P
   45 V, 100 mA NPN/PNP general-purpose double transistor
6 May 2021
BC847BPNH NEXPERIA-BC847BPNH Datasheet
267Kb / 12P
   45 V, 100 mA NPN/PNP general-purpose double transistor
4 May 2021
logo
NXP Semiconductors
2PB709ART NXP-2PB709ART Datasheet
100Kb / 10P
   45 V, 100 mA PNP general-purpose transistor
Rev. 01-19 March 2007
logo
Nexperia B.V. All right...
BC857XQC-Q_SER NEXPERIA-BC857XQC-Q_SER Datasheet
248Kb / 13P
   45 V, 100 mA PNP general-purpose transistor
Rev. 1 - 27 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com