Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4350EA250 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA4350EA250
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4350EA250 Datasheet(HTML) 3 Page - Texas Instruments

  OPA4350EA250 Datasheet HTML 1Page - Texas Instruments OPA4350EA250 Datasheet HTML 2Page - Texas Instruments OPA4350EA250 Datasheet HTML 3Page - Texas Instruments OPA4350EA250 Datasheet HTML 4Page - Texas Instruments OPA4350EA250 Datasheet HTML 5Page - Texas Instruments OPA4350EA250 Datasheet HTML 6Page - Texas Instruments OPA4350EA250 Datasheet HTML 7Page - Texas Instruments OPA4350EA250 Datasheet HTML 8Page - Texas Instruments OPA4350EA250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
OPA350
OPA2350
OPA4350
SBOS099C − SEPTEMBER 2000 − REVISED JANUARY 2005
www.ti.com
3
ELECTRICAL CHARACTERISTICS: VS = 2.7V to 5.5V
Boldface limits apply over the temperature range, TA = −40°C to +85°C. VS = 5V.
All specifications at TA = +25°C, RL = 1kΩ connected to VS/2 and VOUT = VS/2, unless otherwise noted.
OPA350, OPA2350, OPA4350
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = 5V
±150
±500
µV
TA = −40°C to +85°C
±1
mV
vs Temperature
TA = −40°C to +85°C
±4
µV/°C
vs Power-Supply Rejection Ratio
PSRR
VS = 2.7V to 5.5V, VCM = 0V
40
150
µV/V
TA = −40°C to +85°C
VS = 2.7V to 5.5V, VCM = 0V
175
µV/V
Channel Separation (dual, quad)
dc
0.15
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
±0.5
±10
pA
vs Temperature
See Typical Characteristics
Input Offset Current
IOS
±0.5
±10
pA
NOISE
Input Voltage Noise, f = 100Hz to 400kHz
4
µVrms
Input Voltage Noise Density, f = 10kHz
en
7
nV/
√Hz
Input Current Noise Density, f = 100kHz
5
nV/
√Hz
Current Noise Density, f = 10kHz
in
4
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
TA = −40°C to +85°C
−0.1
(V+) + 0.1
V
Common-Mode Rejection Ratio
CMRR
VS = 2.7V, −0.1V < VCM < 2.8V
66
84
dB
VS = 5.5V, −0.1V < VCM < 5.6V
74
90
dB
TA = −40°C to +85°C
VS = 5.5V, −0.1V < VCM < 5.6V
74
dB
INPUT IMPEDANCE
Differential
1013 || 2.5
Ω || pF
Common-Mode
1013 || 6.5
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
RL = 10kΩ, 50mV < VO < (V+) −50mV
100
122
dB
TA = −40°C to +85°C
RL = 10kW, 50mV < VO < (V+) −50mV
100
dB
RL = 1kΩ, 200mV < VO < (V+) −200mV
100
120
dB
TA = −40°C to +85°C
RL = 1kW, 200mV < VO < (V+) −200mV
100
dB
FREQUENCY RESPONSE
CL = 100pF
Gain-Bandwidth Product
GBW
G = 1
38
MHz
Slew Rate
SR
G = 1
22
V/
µs
Settling Time: 0.1%
G =
±1, 2V Step
0.22
µs
0.01%
G =
±1, 2V Step
0.5
µs
Overload Recovery Time
VIN • G = VS
0.1
µs
Total Harmonic Distortion + Noise
THD+N
RL = 600Ω, VO = 2.5VPP(2), G = 1, f = 1kHz
0.0006
%
Differential Gain Error
G = 2, RL = 600Ω, VO = 1.4V(3)
0.17
%
Differential Phase Error
G = 2, RL = 600Ω, VO = 1.4V(3)
0.17
deg
(1) VS = +5V.
(2) VOUT = 0.25V to 2.75V.
(3) NTSC signal generator used. See Figure 6 for test circuit.
(4) Output voltage swings are measured between the output and power supply rails.
(5) See typical characteristic curve, Output Voltage Swing vs Output Current.


Similar Part No. - OPA4350EA250

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4350EA BURR-BROWN-OPA4350EA Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA4350EA TI-OPA4350EA Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
OPA4350EA TI1-OPA4350EA Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
OPA4350EA-250 TI-OPA4350EA-250 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
OPA4350EA-2K5 TI-OPA4350EA-2K5 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
More results

Similar Description - OPA4350EA250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA353 TI-OPA353 Datasheet
220Kb / 13P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA353 TI1-OPA353_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP_15 Datasheet
550Kb / 19P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA350 BURR-BROWN-OPA350_05 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA2353EA TI-OPA2353EA Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA2350EA250G4 TI-OPA2350EA250G4 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Burr-Brown (TI)
OPA353 BURR-BROWN-OPA353 Datasheet
192Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com