Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8845BECS150Z Datasheet(PDF) 8 Page - Analog Microelectronics

Part # AME8845BECS150Z
Description  3A CMOS LDO
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8845BECS150Z Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME8845BECS150Z Datasheet HTML 4Page - Analog Microelectronics AME8845BECS150Z Datasheet HTML 5Page - Analog Microelectronics AME8845BECS150Z Datasheet HTML 6Page - Analog Microelectronics AME8845BECS150Z Datasheet HTML 7Page - Analog Microelectronics AME8845BECS150Z Datasheet HTML 8Page - Analog Microelectronics AME8845BECS150Z Datasheet HTML 9Page - Analog Microelectronics AME8845BECS150Z Datasheet HTML 10Page - Analog Microelectronics AME8845BECS150Z Datasheet HTML 11Page - Analog Microelectronics AME8845BECS150Z Datasheet HTML 12Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
AME
8
3A CMOS LDO
AME8845
Rev.C.03
n Absolute Maximum Ratings
n Recommended Operating Conditions
n Thermal Information
* Measure
θ
JC on backside center of
tab.
Parameter
Package
Die Attach
Symbol
Maximum
Unit
Conductive Epoxy
6
Non-Conductive
Epoxy
24
Conductive Epoxy
5
Non-Conductive
Epoxy
30
Conductive Epoxy
5
Non-Conductive
Epoxy
27
Conductive Epoxy
25
Non-Conductive
Epoxy
31
θ
JC
TO-263-3
SOT-223
oC / W
Thermal Resistance*
(Junction to Case)
TO-220-3
TO-252-2
Parameter
Maximum
Unit
Input Voltage
-0.3 to +7
V
EN Voltage
-0.3 to +7
V
Output Voltage
-0.3 to VIN + 0.3
V
Output Current
PD / (VIN - VOUT)
mA
ESD Classification
B*
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device
* HBM B:2000~3999V
Parameter
Symbol
Rating
Unit
Ambient Temperature Range
TA
- 40 to +85
oC
Junction Temperaturen Range
TJ
- 40 to +125
oC
Storage Temperaturen Range
TSTG
- 65 to +150
oC


Similar Part No. - AME8845BECS150Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8845BECS150Z AME-AME8845BECS150Z Datasheet
177Kb / 18P
   3A CMOS LDO
More results

Similar Description - AME8845BECS150Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8845 AME-AME8845 Datasheet
177Kb / 18P
   3A CMOS LDO
logo
Excelliance MOS Corp.
EM5106 EXCELLIANCE-EM5106 Datasheet
396Kb / 10P
   3A Low Dropout LDO
logo
Advanced Monolithic Sys...
AMS1085 AMS-AMS1085 Datasheet
2Mb / 11P
   3A LDO VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
EM5103 CYSTEKEC-EM5103 Datasheet
756Kb / 12P
   3A Low Dropout LDO
EM5103NA CYSTEKEC-EM5103NA Datasheet
756Kb / 12P
   3A Low Dropout LDO
EM5103QP CYSTEKEC-EM5103QP Datasheet
756Kb / 12P
   3A Low Dropout LDO
logo
Excelliance MOS Corp.
EM5107 EXCELLIANCE-EM5107 Datasheet
1Mb / 10P
   3A Low Dropout LDO
logo
Taiwan Semiconductor Co...
TS1582 TSC-TS1582_07 Datasheet
432Kb / 9P
   3A Dual Input LDO
logo
Excelliance MOS Corp.
EM5103 EXCELLIANCE-EM5103 Datasheet
331Kb / 10P
   3A Low Dropout LDO
logo
BCD Semiconductor Manuf...
AP2132A BCDSEMI-AP2132A Datasheet
667Kb / 13P
   Peak 3A CMOS LDO Regulator with Enable and Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com