Electronic Components Datasheet Search |
|
AME8816AEDV120Z Datasheet(PDF) 4 Page - Analog Microelectronics |
|
AME8816AEDV120Z Datasheet(HTML) 4 Page - Analog Microelectronics |
4 / 18 page AME 4 1.5A CMOS LDO AME8816 Rev. H.04 n Ordering Information Operating Ambient Temperature Range Number of Pins Package Type Pin Configuration Special Feature AME8816 x x x x xxx x Output Voltage A 1. EN D: TO-263 A: 8 ADJ: Adjustable Z: Lead Free (TO-263-5) 2. IN H: SOP V: 5 120: V=1.2V 3. GND 150: V=1.5V 4. OUT 180: V=1.8V 5. BYP 250: V=2.5V 330: V=3.3V B 1. EN 475: V=4.75V (TO-263-5) 2. IN 500: V=5.0V 3. GND 4. OUT 5. ADJ A 1. BYP (SOP-8) 2. GND 3. GND 4. EN 5. IN 6. GND 7. GND 8. OUT B 1. ADJ (SOP-8) 2. GND 3. GND 4. EN 5. IN 6. GND 7. GND 8. OUT C 1. EN (SOP-8) 2. IN 3. OUT 4. ADJ 5. GND 6. GND 7. GND 8. GND Special Feature Output Voltage Package Type Number of Pins -40 OC to +85OC E: Pin Configuration Operating Ambient Temperature Range |
Similar Part No. - AME8816AEDV120Z |
|
Similar Description - AME8816AEDV120Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |