Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8845BEDT150Z Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AME8845BEDT150Z
Description  3A CMOS LDO
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8845BEDT150Z Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME8845BEDT150Z Datasheet HTML 6Page - Analog Microelectronics AME8845BEDT150Z Datasheet HTML 7Page - Analog Microelectronics AME8845BEDT150Z Datasheet HTML 8Page - Analog Microelectronics AME8845BEDT150Z Datasheet HTML 9Page - Analog Microelectronics AME8845BEDT150Z Datasheet HTML 10Page - Analog Microelectronics AME8845BEDT150Z Datasheet HTML 11Page - Analog Microelectronics AME8845BEDT150Z Datasheet HTML 12Page - Analog Microelectronics AME8845BEDT150Z Datasheet HTML 13Page - Analog Microelectronics AME8845BEDT150Z Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
AME
10
3A CMOS LDO
AME8845
Rev.C.03
n Electrical Specifications
V
IN = VO(Nom) +1V, CIN=0.1µF, COUT=2.2µF, TA = 25
OC unless otherwise noted
Note1:V
IN(min) =VOUT+VDROPOUT
Parameter
Symbol
Min
Typ Max
Units
Input Voltage
VIN
Note 1
6
V
Output Voltage Accuracy
VO
-1.5
1.5
%
1.5V<=VO(NOM)<=1.8V
1200
1.8V<VO(NOM)<2.5V
700
2.5V<=VO(NOM)
300
450
Output Current
IO
3000
mA
Current Limit
ILIM
3
A
Short Circuit Current
ISC
1.7
A
Quiescent Current
IQ
300
400
µA
Ground Pin Current
IGND
300
µA
Line Regulation
REGLINE
-0.2
0.1
0.2
%
Load Regulation
REGLOAD
-1
1
%
Over Temperature Shutdown
OTS
140
oC
Over Temperature Hysterisis
OTH
30
oC
VO Temperature Coefficient
TC
30
ppm/
oC
f=100Hz
70
f=1kHz
50
VEH
VIN*0.8
VIN
VEL
0
0.4
IEH
2
IEL
2
Shutdown Current
ISD
10
µA
mV
IO=1mA to 3A
VEN=0V, VIN=5V
EN Input Threshold
VIN=VIN,MIN to VIN, MAX
V
EN Input Leakage
µA
VEN=VIN=5V
VEN=0V, VIN=5V
µVrms
IO=1mA
IO=3A
VO=VO(NOM) -2.0%
30
VO>1.2V
VO>1.2V
VIN= VO(NOM)+1V, VO<0.4V
dB
Test Condition
Power Supply Rejection
Output Voltage Noise
eN
Dropout Voltage
VDROPOUT
PSRR
IO=0mA
IO=1mA to 3A
IO=100mA
CO=10µF
f=10Hz to 100kHz
IO=10mA
Co=2.2
µF
IO=1mA, VIN=VO+1 to VO+2


Similar Part No. - AME8845BEDT150Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8845BEDT150Z AME-AME8845BEDT150Z Datasheet
177Kb / 18P
   3A CMOS LDO
More results

Similar Description - AME8845BEDT150Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8845 AME-AME8845 Datasheet
177Kb / 18P
   3A CMOS LDO
logo
Excelliance MOS Corp.
EM5106 EXCELLIANCE-EM5106 Datasheet
396Kb / 10P
   3A Low Dropout LDO
logo
Advanced Monolithic Sys...
AMS1085 AMS-AMS1085 Datasheet
2Mb / 11P
   3A LDO VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
EM5103 CYSTEKEC-EM5103 Datasheet
756Kb / 12P
   3A Low Dropout LDO
EM5103NA CYSTEKEC-EM5103NA Datasheet
756Kb / 12P
   3A Low Dropout LDO
EM5103QP CYSTEKEC-EM5103QP Datasheet
756Kb / 12P
   3A Low Dropout LDO
logo
Excelliance MOS Corp.
EM5107 EXCELLIANCE-EM5107 Datasheet
1Mb / 10P
   3A Low Dropout LDO
logo
Taiwan Semiconductor Co...
TS1582 TSC-TS1582_07 Datasheet
432Kb / 9P
   3A Dual Input LDO
logo
Excelliance MOS Corp.
EM5103 EXCELLIANCE-EM5103 Datasheet
331Kb / 10P
   3A Low Dropout LDO
logo
BCD Semiconductor Manuf...
AP2132A BCDSEMI-AP2132A Datasheet
667Kb / 13P
   Peak 3A CMOS LDO Regulator with Enable and Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com