Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8816CEHA150Z Datasheet(PDF) 8 Page - Analog Microelectronics

Part # AME8816CEHA150Z
Description  1.5A CMOS LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8816CEHA150Z Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME8816CEHA150Z Datasheet HTML 4Page - Analog Microelectronics AME8816CEHA150Z Datasheet HTML 5Page - Analog Microelectronics AME8816CEHA150Z Datasheet HTML 6Page - Analog Microelectronics AME8816CEHA150Z Datasheet HTML 7Page - Analog Microelectronics AME8816CEHA150Z Datasheet HTML 8Page - Analog Microelectronics AME8816CEHA150Z Datasheet HTML 9Page - Analog Microelectronics AME8816CEHA150Z Datasheet HTML 10Page - Analog Microelectronics AME8816CEHA150Z Datasheet HTML 11Page - Analog Microelectronics AME8816CEHA150Z Datasheet HTML 12Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AME
8
1.5A CMOS LDO
AME8816
Rev. H.04
n Absolute Maximum Ratings
n Recommended Operating Conditions
n Thermal Information
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device.
* HBM B:2000V~3999V
* Measure
θ
JC on backside center of tab.
** Measure
θ
JC on center of molding compound if IC has no tab.
*** MIL-STD-202G210F
Parameter
Package
Die Attach
Symbol
Maximum
Unit
TO-263-5*
5
SOP-8**
60
TO-263-5
80
SOP-8
150
TO-263-5
1700
SOP-8
810
150
oC
350
oC
oC / W
Maximum Junction Temperature
Solder Iron(10 Sec)***
mW
Thermal Resistance
(Junction to Ambient)
Conductive Epoxy
Thermal Resistance
(Junction to Case)
Internal Power Dissipation
θJC
θJA
PD
Parameter
Symbol
Rating
Unit
Ambient Temperature Range
TA
- 40 to +85
oC
Junction Temperature Range
TJ
- 40 to +125
oC
Storage Temperature Range
TSTG
- 65 to +150
oC
Parameter
Maximum
Unit
Input Voltage
-0.3 to +8
V
EN, BYP Voltage
-0.3 to +8
V
Output Voltage
-0.3 to VIN + 0.3
V
Output Current
PD / (VIN - VOUT)
mA
ESD Classification
B*


Similar Part No. - AME8816CEHA150Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8816CEHAADJ AME-AME8816CEHAADJ Datasheet
112Kb / 14P
   1.5A CMOS LDO
More results

Similar Description - AME8816CEHA150Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8817 AME-AME8817 Datasheet
81Kb / 10P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815B UTC-L11815B Datasheet
167Kb / 6P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8815 AME-AME8815 Datasheet
113Kb / 17P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_15 Datasheet
199Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8865 AME-AME8865 Datasheet
471Kb / 25P
   1.5A CMOS LDO
AME8815 AME-AME8815_09 Datasheet
254Kb / 28P
   1.5A CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com