Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8865AGS100 Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AME8865AGS100
Description  1.5A CMOS LDO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8865AGS100 Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME8865AGS100 Datasheet HTML 5Page - Analog Microelectronics AME8865AGS100 Datasheet HTML 6Page - Analog Microelectronics AME8865AGS100 Datasheet HTML 7Page - Analog Microelectronics AME8865AGS100 Datasheet HTML 8Page - Analog Microelectronics AME8865AGS100 Datasheet HTML 9Page - Analog Microelectronics AME8865AGS100 Datasheet HTML 10Page - Analog Microelectronics AME8865AGS100 Datasheet HTML 11Page - Analog Microelectronics AME8865AGS100 Datasheet HTML 12Page - Analog Microelectronics AME8865AGS100 Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AME
9
AME8865
1.5A CMOS LDO
Rev. A.04
n
Ordering Information (Contd.)
Number of Pins
Package Type
Pin Configuration
AME8865 - x x x xxx
Output Voltage
Package Type
Number of Pins
Output Voltage
A
1. NC
Z: SOP-8/PP
A: 8
100: 1.0V
(SOP-8/PP)
2. GND
120: 1.2V
3. GND
150: 1.5V
4. EN
180: 1.8V
5. IN
250: 2.5V
6. GND
300: 3.0V
7. GND
330: 3.3V
8. OUT
ADJ: Adjustable
B
1. EN
(SOP-8/PP)
2. IN
3. OUT
4. ADJ
5. GND
6. GND
7. GND
8. GND
C
1. NC
(SOP-8/PP)
2. GND
3. GND
4. EN
5. IN
6. GND
7. GND
8. OUT
Pin Configuration


Similar Part No. - AME8865AGS100

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8861 AME-AME8861 Datasheet
148Kb / 9P
   600mA CMOS LDO
AME8861AEEV180L AME-AME8861AEEV180L Datasheet
184Kb / 13P
   600mA CMOS LDO
AME8861AEEV180Y AME-AME8861AEEV180Y Datasheet
184Kb / 13P
   600mA CMOS LDO
AME8861AEEV180Z AME-AME8861AEEV180Z Datasheet
184Kb / 13P
   600mA CMOS LDO
AME8861AEEV250L AME-AME8861AEEV250L Datasheet
148Kb / 9P
   600mA CMOS LDO
More results

Similar Description - AME8865AGS100

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8817 AME-AME8817 Datasheet
81Kb / 10P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815B UTC-L11815B Datasheet
167Kb / 6P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8815 AME-AME8815 Datasheet
113Kb / 17P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_15 Datasheet
199Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8816 AME-AME8816_08 Datasheet
304Kb / 18P
   1.5A CMOS LDO
AME8815 AME-AME8815_09 Datasheet
254Kb / 28P
   1.5A CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com