Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8826CEHV150Z Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AME8826CEHV150Z
Description  1.55A CMOS LDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8826CEHV150Z Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME8826CEHV150Z Datasheet HTML 3Page - Analog Microelectronics AME8826CEHV150Z Datasheet HTML 4Page - Analog Microelectronics AME8826CEHV150Z Datasheet HTML 5Page - Analog Microelectronics AME8826CEHV150Z Datasheet HTML 6Page - Analog Microelectronics AME8826CEHV150Z Datasheet HTML 7Page - Analog Microelectronics AME8826CEHV150Z Datasheet HTML 8Page - Analog Microelectronics AME8826CEHV150Z Datasheet HTML 9Page - Analog Microelectronics AME8826CEHV150Z Datasheet HTML 10Page - Analog Microelectronics AME8826CEHV150Z Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AME
7
AME8826
1.55A CMOS LDO
Rev.D.04
n Absolute Maximum Ratings
n Recommended Operating Conditions
n Thermal Information
* Measure
θ
JC on backside center of tab.
** Measure
θ
JC on center of molding compound if IC has no tab.
*** MIL-STD-202G210F
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device.
* HBM B:2000V~3999V
Parameter
Package
Die Attach
Symbol
Maximum
Unit
*TO-263-5
5
**SOP-8
60
TO-263-5
80
SOP-8
150
TO-263-5
1700
SOP-8
810
150
oC
350
oC
Internal Power Dissipation
mW
Solder Iron(10 Sec)***
Conductive Epoxy
oC / W
Thermal Resistance
(Junction to Ambient)
Maximum Junction Temperature
PD
θ
JC
θ
JA
Thermal Resistance
(Junction to Case)
Parameter
Maximum
Unit
Input Voltage
-0.3 to +8
V
EN, BYP Voltage
-0.3 to +8
V
Output Voltage
-0.3 to VIN + 0.3
V
Output Current
PD / (VIN - VOUT)
mA
ESD Classification
B*
Parameter
Symbol
Rating
Unit
Ambient Temperature Range
TA
- 40 to +85
oC
Junction Temperature Range
TJ
- 40 to +125
oC
Storage Temperature Range
TSTG
- 65 to +150
oC


Similar Part No. - AME8826CEHV150Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8826CEHAADJ AME-AME8826CEHAADJ Datasheet
212Kb / 14P
   1.55A CMOS LDO
More results

Similar Description - AME8826CEHV150Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8826 AME-AME8826 Datasheet
212Kb / 14P
   1.55A CMOS LDO
logo
GTM CORPORATION
G5U2189 GTM-G5U2189 Datasheet
518Kb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
logo
SeCoS Halbleitertechnol...
SSC2119 SECOS-SSC2119 Datasheet
1Mb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
S5U2189 SECOS-S5U2189 Datasheet
1Mb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
logo
GTM CORPORATION
GSC2119 GTM-GSC2119 Datasheet
515Kb / 7P
   1.55A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Bookly Micro electronic
BM9230 BOOKLY-BM9230 Datasheet
277Kb / 8P
   CMOS LDO
BM9168 BOOKLY-BM9168 Datasheet
214Kb / 7P
   CMOS LDO
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Diodes Incorporated
AP7215 DIODES-AP7215 Datasheet
210Kb / 11P
   600mA CMOS LDO
AP7215 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com