Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8865ABT100 Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME8865ABT100
Description  1.5A CMOS LDO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8865ABT100 Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME8865ABT100 Datasheet HTML 7Page - Analog Microelectronics AME8865ABT100 Datasheet HTML 8Page - Analog Microelectronics AME8865ABT100 Datasheet HTML 9Page - Analog Microelectronics AME8865ABT100 Datasheet HTML 10Page - Analog Microelectronics AME8865ABT100 Datasheet HTML 11Page - Analog Microelectronics AME8865ABT100 Datasheet HTML 12Page - Analog Microelectronics AME8865ABT100 Datasheet HTML 13Page - Analog Microelectronics AME8865ABT100 Datasheet HTML 14Page - Analog Microelectronics AME8865ABT100 Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AME
11
AME8865
1.5A CMOS LDO
Rev. A.04
n
Thermal Information
Parameter
Package
Die Attach
Symbol Maximum
Unit
Conductive Epoxy
25
Non-Conductive Epoxy
31
Conductive Epoxy
5
Non-Conductive Epoxy
30
Conductive Epoxy
6
Non-Conductive Epoxy
24
TO-263-2
TO-263-3
TO-263-5
Conductive Epoxy
5
TO-263-2
TO-263-3
Non-Conductive Epoxy
27
SOP-8/PP
Conductive Epoxy
19
SOP-8
Conductive Epoxy
60
Conductive Epoxy
120
Non-Conductive Epoxy
135
Conductive Epoxy
90
Non-Conductive Epoxy
140
Conductive Epoxy
55
Non-Conductive Epoxy
80
TO-263-2
TO-263-3
TO-263-5
Conductive Epoxy
80
TO-263-2
TO-263-3
Non-Conductive Epoxy
100
SOP-8/PP
Conductive Epoxy
84
SOP-8
Conductive Epoxy
150
Thermal Resistance*
(Junction to Case)
TO-220-3
TO-252-2
θJC
oC / W
Thermal Resistance
(Junction to Ambient)
oC / W
θJA
TO-220-3
SOT-223
TO-252-2
SOT-223


Similar Part No. - AME8865ABT100

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8861 AME-AME8861 Datasheet
148Kb / 9P
   600mA CMOS LDO
AME8861AEEV180L AME-AME8861AEEV180L Datasheet
184Kb / 13P
   600mA CMOS LDO
AME8861AEEV180Y AME-AME8861AEEV180Y Datasheet
184Kb / 13P
   600mA CMOS LDO
AME8861AEEV180Z AME-AME8861AEEV180Z Datasheet
184Kb / 13P
   600mA CMOS LDO
AME8861AEEV250L AME-AME8861AEEV250L Datasheet
148Kb / 9P
   600mA CMOS LDO
More results

Similar Description - AME8865ABT100

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8817 AME-AME8817 Datasheet
81Kb / 10P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815B UTC-L11815B Datasheet
167Kb / 6P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8815 AME-AME8815 Datasheet
113Kb / 17P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_15 Datasheet
199Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8816 AME-AME8816_08 Datasheet
304Kb / 18P
   1.5A CMOS LDO
AME8815 AME-AME8815_09 Datasheet
254Kb / 28P
   1.5A CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com