Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD2S44-UM18B Datasheet(PDF) 9 Page - Analog Devices

Part # AD2S44-UM18B
Description  Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S44-UM18B Datasheet(HTML) 9 Page - Analog Devices

Back Button AD2S44-UM18B Datasheet HTML 4Page - Analog Devices AD2S44-UM18B Datasheet HTML 5Page - Analog Devices AD2S44-UM18B Datasheet HTML 6Page - Analog Devices AD2S44-UM18B Datasheet HTML 7Page - Analog Devices AD2S44-UM18B Datasheet HTML 8Page - Analog Devices AD2S44-UM18B Datasheet HTML 9Page - Analog Devices AD2S44-UM18B Datasheet HTML 10Page - Analog Devices AD2S44-UM18B Datasheet HTML 11Page - Analog Devices AD2S44-UM18B Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
AD2S44
Rev. B | Page 9 of 12
SCALING FOR NONSTANDARD SIGNALS
A feature of these converters is that the signal and reference inputs
can be resistively scaled to accommodate nonstandard input signal
and reference voltages that are outside the nominal ±10% limits of
the converter. Using this technique, it is possible to use a standard
converter with a personality card in systems where a wide range
of input and reference voltages are encountered.
The accuracy of the converter is affected by the matching accu-
racies of resistors used for external scaling. For resolver format
options, it is critical that the value of the resistors on the S1 (A)/
S1 (B) to S3 (A)/S3 (B) signal input pair be precisely matched to
the S4 (A)/S4 (B) to S2 (A)/S2 (B) input pair. For synchro options,
the three resistors on the S1, S2, and S3 pins must be matched. In
general, a 0.1% mismatch between resistor values contributes an
additional 1.7 arc minutes of error to the conversion. In addition,
imbalances in resistor values can greatly reduce the common-
mode rejection ratio of the signal inputs.
To calculate the values of the external scaling resistors, add
2.222 kΩ for each volt of signal in series with the S1, S2, S3, and
S4 pins (no resistor is required on the S4 pins for synchro options)
and add 3 kΩ extra per volt of reference in series with the RLO
pins and the RHI pins.
DYNAMIC PERFORMANCE
θIN
θOUT
Ka
S2
1 + sT1
1 + sT2
Figure 6. Transfer Function of AD2S44
The transfer function of the converter is as follows:
Open-loop transfer function
2
1
a
IN
OUT
sT
sT
s
K
+
+
×
=
θ
θ
1
1
2
Closed-loop transfer function
a
2
a
1
1
IN
OUT
K
T
s
K
s
sT
sT
3
2
1
1
+
+
+
+
=
θ
θ
where:
Ka = 62000 sec–2.
T1 = 0.0061 sec.
T2 = 0.001 sec.
The gain and phase diagrams are shown in Figure 7 and Figure 8.
FREQUENCY (Hz)
6
3
0
–15
–12
–9
–6
–3
10
100
Figure 7. Gain Plot
FREQUENCY (Hz)
180
135
90
45
–180
–135
–90
–45
0
10
100
Figure 8. Phase Plot
ACCELERATION ERROR
A tracking converter employing a Type II servo loop does not
suffer any velocity lag. However, there is an additional error
due to acceleration. This error is defined using the acceleration
constant (Ka) of the converter
Ka = Input Acceleration/Error in Output Angle
The numerator and denominator must have consistent angular
units. For example, if Ka is expressed in sec–2, the input accelera-
tion is to be specified in degrees/sec2 and the output angle error is
to be specified in degrees. Alternatively, the angular unit of measure
can also be in units such as radians, arc minutes, or LSBs.


Similar Part No. - AD2S44-UM18B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S44-UM18B AD-AD2S44-UM18B Datasheet
338Kb / 13P
   Dual Channel Synchro/Resolver-to-Digital Converter
More results

Similar Description - AD2S44-UM18B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S44 AD-AD2S44 Datasheet
389Kb / 8P
   Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
AD2S44 AD-AD2S44_15 Datasheet
310Kb / 12P
   Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
REV. B
AD2S46 AD-AD2S46_15 Datasheet
2Mb / 8P
   LOW COST 16 BIT SYNCHRO RESOLVER TO DIGITAL CONVERTER
REV. 0
AD2S44 AD-AD2S44_17 Datasheet
338Kb / 13P
   Dual Channel Synchro/Resolver-to-Digital Converter
SDC-RDC1700 AD-SDC-RDC1700_15 Datasheet
2Mb / 6P
   LOW PROFILE SYNCHRO RESOLVER TO DIGITAL CONVERTER
SDC1768 AD-SDC1768 Datasheet
711Kb / 6P
   12- AND 14- BIT HYBRID SYNCHRO / RESOLVER TO DIGITAL CONVERTERS
SDC174A411 AD-SDC174A411 Datasheet
3Mb / 8P
   12-and 14-bit hybrid Synchro/Resolver-to Digital Converters
SDC1768 AD-SDC1768_15 Datasheet
2Mb / 6P
   12 AND 14 BIT HYBRID SYNCHRO RESOLVER TO DIGITAL CONVERTERS
SDC1740 AD-SDC1740 Datasheet
363Kb / 8P
   12- and 14-Bit Hybrid Synchro/ Resolver-to-Digital Converters
REV. A
RDC1740-418B AD-RDC1740-418B Datasheet
3Mb / 8P
   12-and 14-Bit Hybrid Synchro/Resolver-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com