Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD810AR-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # AD810AR-REEL
Description  Low Power Video Op Amp with Disable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD810AR-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD810AR-REEL Datasheet HTML 2Page - Analog Devices AD810AR-REEL Datasheet HTML 3Page - Analog Devices AD810AR-REEL Datasheet HTML 4Page - Analog Devices AD810AR-REEL Datasheet HTML 5Page - Analog Devices AD810AR-REEL Datasheet HTML 6Page - Analog Devices AD810AR-REEL Datasheet HTML 7Page - Analog Devices AD810AR-REEL Datasheet HTML 8Page - Analog Devices AD810AR-REEL Datasheet HTML 9Page - Analog Devices AD810AR-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD810
REV. A
–6–
–Typical Characteristics
80
40
100k
100M
10M
1M
10k
20
60
50
30
10
70
FREQUENCY – Hz
CURVES ARE FOR WORST CASE
CONDITION WHERE ONE SUPPLY
IS VARIED WHILE THE OTHER IS
HELD CONSTANT
RF = 715Ω
AV = +2
VS = ±15V
VS = ±5V
Figure 14. Power Supply Rejection vs. Frequency
–40
–140
100
1k
10M
1M
100k
10k
–80
–60
–120
–100
FREQUENCY – Hz
±15V SUPPLIES
GAIN = +2
RL = 400Ω
VOUT = 20V p-p
2nd HARMONIC
3rd HARMONIC
VOUT = 2V p-p
2nd
3rd
Figure 16. Harmonic Distortion vs. Frequency (RL = 400
Ω)
1200
200
2
400
800
600
1000
18
16
14
12
10
8
6
4
SUPPLY VOLTAGE – ±Volts
RL = 400Ω
GAIN = –10
GAIN = +10
GAIN = +2
Figure 18. Slew Rate vs. Supply Voltage
100
60
20
100k
100M
10M
1M
10k
40
80
70
50
30
90
FREQUENCY – Hz
Figure 13. Common-Mode Rejection vs. Frequency
–80
100
1k
10M
1M
100k
10k
–60
–40
–120
–100
FREQUENCY – Hz
VO = 2V p-p
RL = 100Ω
GAIN = +2
VS = ±5V
2nd HARMONIC
2nd
3rd
VS = ±15V
3rd HARMONIC
Figure 15. Harmonic Distortion vs. Frequency (RL = 100
Ω)
10
–10
200
–4
–8
20
–6
0
2
–2
0
4
6
8
180
160
140
120
100
80
60
40
SETTLING TIME – ns
0.1%
0.1%
0.01%
0.01%
RF = RG = 1kΩ
RL = 400Ω
Figure 17. Output Swing and Error vs. Settling Time


Similar Part No. - AD810AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD810AR-REEL AD-AD810AR-REEL Datasheet
514Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810AR-REEL AD-AD810AR-REEL Datasheet
339Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810AR-REEL AD-AD810AR-REEL Datasheet
527Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810AR-REEL AD-AD810AR-REEL Datasheet
549Kb / 17P
   Low Power Video Op Amp with Disable
More results

Similar Description - AD810AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD810ARZ AD-AD810ARZ Datasheet
339Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810_17 Datasheet
549Kb / 17P
   Low Power Video Op Amp with Disable
AD810 AD-AD810_15 Datasheet
517Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810 Datasheet
514Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810ARZ AD-AD810ARZ Datasheet
527Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
logo
National Semiconductor ...
CLC410 NSC-CLC410 Datasheet
519Kb / 8P
   Fast Settling, Video Op Amp with Disable
CLC411 NSC-CLC411 Datasheet
640Kb / 8P
   High-Speed Video Op Amp with Disable
logo
Texas Instruments
CLC411 TI1-CLC411 Datasheet
620Kb / 14P
[Old version datasheet]   High Speed Video Op Amp with Disable
logo
Analog Devices
ADA4853-1 AD-ADA4853-1 Datasheet
536Kb / 16P
   Low Power, Rail-to-Rail Output, Video Op Amp with Ultralow Power Disable
REV. B
logo
Texas Instruments
CLC405 TI1-CLC405 Datasheet
547Kb / 15P
[Old version datasheet]   Low Cost, Low Power, 110MHz Op Amp with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com