Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2843B Datasheet(PDF) 4 Page - STMicroelectronics

Part # UC2843B
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UC2843B Datasheet(HTML) 4 Page - STMicroelectronics

  UC2843B Datasheet HTML 1Page - STMicroelectronics UC2843B Datasheet HTML 2Page - STMicroelectronics UC2843B Datasheet HTML 3Page - STMicroelectronics UC2843B Datasheet HTML 4Page - STMicroelectronics UC2843B Datasheet HTML 5Page - STMicroelectronics UC2843B Datasheet HTML 6Page - STMicroelectronics UC2843B Datasheet HTML 7Page - STMicroelectronics UC2843B Datasheet HTML 8Page - STMicroelectronics UC2843B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Notes :
1. Max package power dissipation limits must be respected; low duty cycle pulse techniques are used during test maintain Tj as
close to Tamb as possible.
2. These parameters, although guaranteed, are not 100% tested in production.
3. Parameter measured at trip point of latch with VPIN2 = 0.
4. Gain defined as :
∆ VPIN1
A =
; 0
≤ VPIN3 ≤ 0.8 V
∆ VPIN3
5. Adjust Vi above the start threshold before setting at 15 V.
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Conditions
UC284XB
UC384XB
Unit
Min. Typ. Max. Min. Typ. Max.
OUTPUT SECTION
VOL
Output Low Level
ISINK = 20mA
0.1
0.4
0.1
0.4
V
ISINK = 200mA
1.6
2.2
1.6
2.2
V
VOH
Output High Level
ISOURCE = 20mA
13
13.5
13
13.5
V
ISOURCE = 200mA
12
13.5
12
13.5
V
VOLS
UVLO Saturation
VCC = 6V; ISINK = 1mA
0.1
1.1
0.1
1.1
V
tr
Rise Time
Tj = 25
°C CL = 1nF (2)
50
150
50
150
ns
tf
Fall Time
Tj = 25
°C CL = 1nF (2)
50
150
50
150
ns
UNDER-VOLTAGE LOCKOUT SECTION
Start Threshold
X842B/4B
15
16
17
14.5
16
17.5
V
X843B/5B
7.8
8.4
9.0
7.8
8.4
9.0
V
Min Operating Voltage
After Turn-on
X842B/4B
9
10
11
8.5
10
11.5
V
X843B/5B
7.0
7.6
8.2
7.0
7.6
8.2
V
PWM SECTION
Maximum Duty Cycle
X842B/3B
94
96
100
94
96
100
%
X844B/5B
4748
5047
4850
%
Minimum Duty Cycle
0
0
%
TOTAL STANDBY CURRENT
Ist
Start-up Current
Vi = 6.5V for UCX843B/45B
0.3
0.5
0.3
0.5
mA
Vi = 14V for UCX842B/44B
0.3
0.5
0.3
0.5
mA
Ii
Operating Supply Current
VPIN2 = VPIN3 = 0V
12
17
12
17
mA
Viz
Zener Voltage
Ii = 25mA
30
36
30
36
V
UC2842B/3B/4B/5B - UC3842B/3B/4B/5B
4/15


Similar Part No. - UC2843B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UC2843B ONSEMI-UC2843B Datasheet
295Kb / 20P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
July, 2011 ??Rev. 15
logo
Guangdong Youtai Semico...
UC2843B UMW-UC2843B Datasheet
832Kb / 9P
   Low Start-Up and Operating Current
logo
STMicroelectronics
UC2843B STMICROELECTRONICS-UC2843B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Guangdong Youtai Semico...
UC2843B UMW-UC2843B Datasheet
779Kb / 7P
   Low Start-Up and Operating Current
logo
STMicroelectronics
UC2843B STMICROELECTRONICS-UC2843B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC2843B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
   High Performance Current Mode PWM Controller
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
   High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
   High performance current mode PWM controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com