Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5444YRMZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD5444YRMZ
Description  12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5444YRMZ Datasheet(HTML) 1 Page - Analog Devices

  AD5444YRMZ Datasheet HTML 1Page - Analog Devices AD5444YRMZ Datasheet HTML 2Page - Analog Devices AD5444YRMZ Datasheet HTML 3Page - Analog Devices AD5444YRMZ Datasheet HTML 4Page - Analog Devices AD5444YRMZ Datasheet HTML 5Page - Analog Devices AD5444YRMZ Datasheet HTML 6Page - Analog Devices AD5444YRMZ Datasheet HTML 7Page - Analog Devices AD5444YRMZ Datasheet HTML 8Page - Analog Devices AD5444YRMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
12-/14-Bit High Bandwidth
Multiplying DACs with Serial Interface
Data Sheet
AD5444/AD5446
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2004–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
12 MHz multiplying bandwidth
INL of ± 0.5 LSB at 12 bits
Pin-compatible 12-/14-bit current output DAC
2.5 V to 5.5 V supply operation
10-lead MSOP package
±10 V reference input
50 MHz serial interface
2.7 MSPS update rate
Extended temperature range: −40°C to +125°C
4-quadrant multiplication
Power-on reset with brownout detection
0.4 µA typical current consumption
Guaranteed monotonic
APPLICATIONS
Portable, battery-powered applications
Waveform generators
Analog processing
Instrumentation applications
Programmable amplifiers and attenuators
Digitally controlled calibration
Programmable filters and oscillators
Composite video
Ultrasound
Gain, offset, and voltage trimming
Automotive radar
GENERAL DESCRIPTION
The AD5444/AD54461 are CMOS 12-bit and 14-bit, current
output, digital-to-analog converters (DACs). Operating from a
single 2.5 V to 5.5 V power supply, these devices are suited for
battery-powered and other applications.
As a result of the CMOS submicron manufacturing process,
these parts offer excellent 4-quadrant multiplication char-
acteristics of up to 12 MHz.
These DACs use a double-buffered, 3-wire serial interface that
is compatible with SPI®, QSPI™, MICROWIRE™, and most DSP
interface standards. On power-up, the internal shift register and
latches are filled with 0s, and the DAC output is at zero scale.
The applied external reference input voltage (VREF) determines
the full-scale output current. These parts can handle ±10 V
inputs on the reference, despite operating from a single-supply
power supply of 2.5 V to 5.5 V. An integrated feedback resistor
(RFB) provides temperature tracking and full-scale voltage output
when combined with an external current-to-voltage precision
amplifier. The AD5444/AD5446 DACs are available in small
10-lead MSOP packages, which are pin-compatible with the
AD5425/AD5426/AD5432/AD5443 family of DACs.
The EV-AD5443/46/53SDZ board is available for evaluating
DAC performance. For more information, see the UG-327
evaluation board user guide.
1
US Patent Number 5,689,257.
FUNCTIONAL BLOCK DIAGRAM
POWER-ON
RESET
GND
VREF
RFB
IOUT1
IOUT2
R
SDO
CONTROL LOGIC AND
INPUT SHIFT REGISTER
DAC REGISTER
12-BIT
R-2R DAC
INPUT LATCH
SCLK
SDIN
SYNC
VDD
AD5444/
AD5446
Figure 1.


Similar Part No. - AD5444YRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5444YRMZ AD-AD5444YRMZ Datasheet
625Kb / 28P
   12-/14-Bit High Bandwidth Multiplying DACs
AD5444YRMZ-REEL7 AD-AD5444YRMZ-REEL7 Datasheet
625Kb / 28P
   12-/14-Bit High Bandwidth Multiplying DACs
More results

Similar Description - AD5444YRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5446 AD-AD5446_15 Datasheet
962Kb / 29P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5444YRM-REEL AD-AD5444YRM-REEL Datasheet
726Kb / 28P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5444 AD-AD5444_15 Datasheet
962Kb / 29P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5450 AD-AD5450_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5450 AD-AD5450 Datasheet
125Kb / 16P
   8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. PrD Oct, 2003
AD5444 AD-AD5444 Datasheet
625Kb / 28P
   12-/14-Bit High Bandwidth Multiplying DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com