Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7896ARZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7896ARZ
Description  2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7896ARZ Datasheet(HTML) 5 Page - Analog Devices

  AD7896ARZ Datasheet HTML 1Page - Analog Devices AD7896ARZ Datasheet HTML 2Page - Analog Devices AD7896ARZ Datasheet HTML 3Page - Analog Devices AD7896ARZ Datasheet HTML 4Page - Analog Devices AD7896ARZ Datasheet HTML 5Page - Analog Devices AD7896ARZ Datasheet HTML 6Page - Analog Devices AD7896ARZ Datasheet HTML 7Page - Analog Devices AD7896ARZ Datasheet HTML 8Page - Analog Devices AD7896ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AD7896
–5–
PIN CONFIGURATION
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
AD7896
VIN
SDATA
DGND
CONVST
BUSY
VDD
AGND
SCLK
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1VIN
Analog Input. The analog input range is 0 V to VDD.
2VDD
Positive supply voltage, 2.7 V to 5.5 V.
3
AGND
Analog Ground. Ground reference for track-and-hold, comparator, and DAC.
4
SCLK
Serial Clock Input. An external serial clock is applied to this input to obtain serial data from the AD7896.
A new serial data bit is clocked out on the falling edge of this serial clock. Data is guaranteed valid for
10 ns after this falling edge so data can be accepted on the falling edge when a fast serial clock is used.
The serial clock input should be taken low at the end of the serial data transmission.
5
SDATA
Serial Data Output. Serial data from the AD7896 is provided at this output. The serial data is clocked
out by the falling edge of SCLK, but the data can also be read on the falling edge of the SCLK. This is
possible because data bit N is valid for a specified time after the falling edge of the SCLK (data hold
time) and can be read before data bit N+1 becomes valid a specified time after the falling edge of SCLK
(data access time) (see Figure 4). Sixteen bits of serial data are provided with four leading zeros followed
by the 12 bits of conversion data. On the 16th falling edge of SCLK, the SDATA line is held for the data
hold time and then disabled (three-stated). Output data coding is straight binary.
6
DGND
Digital Ground. Ground reference for digital circuitry.
7
CONVST
Convert Start. Edge-triggered logic input. On the falling edge of this input, the track-and-hold goes into
its hold mode and conversion is initiated. If
CONVST is low at the end of conversion, the part goes into
power-down mode. In this case, the rising edge of
CONVST “wakes up” the part.
8
BUSY
The BUSY pin is used to indicate when the part is doing a conversion. The BUSY pin goes high on the
falling edge of
CONVST and returns low when the conversion is complete.
Rev. D


Similar Part No. - AD7896ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7896ARZ AD-AD7896ARZ Datasheet
1Mb / 16P
   2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
AD7896ARZ-REEL AD-AD7896ARZ-REEL Datasheet
1Mb / 16P
   2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
AD7896ARZ-REEL7 AD-AD7896ARZ-REEL7 Datasheet
1Mb / 16P
   2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com