Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8132ARMZ-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # AD8132ARMZ-REEL
Description  Low Cost, High Speed Differential Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8132ARMZ-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8132ARMZ-REEL Datasheet HTML 6Page - Analog Devices AD8132ARMZ-REEL Datasheet HTML 7Page - Analog Devices AD8132ARMZ-REEL Datasheet HTML 8Page - Analog Devices AD8132ARMZ-REEL Datasheet HTML 9Page - Analog Devices AD8132ARMZ-REEL Datasheet HTML 10Page - Analog Devices AD8132ARMZ-REEL Datasheet HTML 11Page - Analog Devices AD8132ARMZ-REEL Datasheet HTML 12Page - Analog Devices AD8132ARMZ-REEL Datasheet HTML 13Page - Analog Devices AD8132ARMZ-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
AD8132
Rev. I | Page 9 of 32
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
Rating
Supply Voltage
±5.5 V
VOCM
±VS
Internal Power Dissipation
250 mW
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering 10 sec)
300°C
Junction Temperature
150°C
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive for all outputs. The quiescent
power is the voltage between the supply pins (VS) times the
quiescent current (IS). The load current consists of the differential
and common-mode currents flowing to the load, as well as
currents flowing through the external feedback networks and
the internal common-mode feedback loop. The internal resistor
tap used in the common-mode feedback loop places a 1 kΩ
differential load on the output. Consider rms voltages and
currents when dealing with ac signals.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Airflow reduces θJA. In addition, more metal directly in contact
with the package leads from metal traces through holes, ground,
and power planes reduces the θJA.
Figure 3 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the 8-lead SOIC
JA = 121°C/W) and 8-lead MSOP (θJA = 142°C/W) packages
on a JEDEC standard 4-layer board. θJA values are approximations.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, θJA is
specified for the device soldered in a circuit board in still air.
AMBIENT TEMPERATURE (°C)
1.75
1.50
1.00
1.25
0.50
0.25
0.75
0
–40 –30 –20 –10 0 10 20 30 40 50 60 70 80 90 100 110 120
SOIC
MSOP
Table 8.
Package Type
θJA
Unit
8-Lead SOIC, 4-Layer
121
°C/W
8-Lead MSOP, 4-Layer
142
°C/W
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation in the AD8132 packages
is limited by the associated rise in junction temperature (TJ) on
the die. At approximately 150°C, the glass transition temperature,
the plastic changes its properties. Even temporarily exceeding
this temperature limit can change the stresses that the package
exerts on the die, permanently shifting the parametric performance
of the AD8132. Exceeding a junction temperature of 150°C for
an extended period can result in changes in the silicon devices,
potentially causing failure.
Figure 3. Maximum Power Dissipation vs. Ambient Temperature
ESD CAUTION


Similar Part No. - AD8132ARMZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8132ARMZ-REEL AD-AD8132ARMZ-REEL Datasheet
441Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. F
AD8132ARMZ-REEL1 AD-AD8132ARMZ-REEL1 Datasheet
621Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132ARMZ-REEL1 AD-AD8132ARMZ-REEL1 Datasheet
524Kb / 33P
   Low Cost, High Speed Differential Amplifier
AD8132ARMZ-REEL7 AD-AD8132ARMZ-REEL7 Datasheet
441Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. F
AD8132ARMZ-REEL71 AD-AD8132ARMZ-REEL71 Datasheet
621Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. I
More results

Similar Description - AD8132ARMZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8132 AD-AD8132 Datasheet
391Kb / 20P
   Low-Cost, High-Speed Differential Amplifier
REV. 0
AD8132 AD-AD8132_16 Datasheet
524Kb / 33P
   Low Cost, High Speed Differential Amplifier
AD8132 AD-AD8132_06 Datasheet
441Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. F
AD8132 AD-AD8132_09 Datasheet
621Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132 AD-AD8132_15 Datasheet
703Kb / 33P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8131 AD-AD8131_05 Datasheet
378Kb / 20P
   Low Cost, High Speed Differential Driver
REV. B
AD8131 AD-AD8131_15 Datasheet
479Kb / 21P
   Low Cost, High Speed Differential Driver
REV. B
AD8131 AD-AD8131 Datasheet
197Kb / 12P
   Low-Cost, High-Speed Differential Driver
REV. 0
AD518 AD-AD518 Datasheet
127Kb / 2P
   LOW-COST HIGH-SPEED, IC OPERATIONAL AMPLIFIER
REV. B
AD518 AD-AD518_15 Datasheet
1Mb / 4P
   LOW COST HIGH SPEED IC OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com