Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8052AR Datasheet(PDF) 10 Page - Analog Devices

Part # AD8052AR
Description  Low Cost, High Speed, Rail-to-Rail Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8052AR Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8052AR Datasheet HTML 6Page - Analog Devices AD8052AR Datasheet HTML 7Page - Analog Devices AD8052AR Datasheet HTML 8Page - Analog Devices AD8052AR Datasheet HTML 9Page - Analog Devices AD8052AR Datasheet HTML 10Page - Analog Devices AD8052AR Datasheet HTML 11Page - Analog Devices AD8052AR Datasheet HTML 12Page - Analog Devices AD8052AR Datasheet HTML 13Page - Analog Devices AD8052AR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
AD8051/AD8052/AD8054
Rev. J | Page 9 of 24
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Ratings
Supply Voltage
12.6 V
Internal Power Dissipation1
SOIC Packages
Observe power
derating curves
SOT-23 Package
Observe power
derating curves
MSOP Package
Observe power
derating curves
TSSOP Package
Observe power
derating curves
Input Voltage (Common Mode)
±VS
Differential Input Voltage
±2.5 V
Output Short-Circuit Duration
Observe power
derating curves
Storage Temperature Range (R)
−65°C to +150°C
Operating Temperature Range (A Grade)
−40°C to +125°C
Lead Temperature (Soldering 10 sec)
300°C
1 See Table 5.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Specification is for device in free air.
Table 5. Thermal Resistance
Package Type
θJA
Unit
8-Lead SOIC
125
°C/W
5-Lead SOT-23
180
°C/W
8-Lead MSOP
150
°C/W
14-Lead SOIC
90
°C/W
14-Lead TSSOP
120
°C/W
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8051/AD8052/AD8054 is limited by the associated rise in
junction temperature. The maximum safe junction temperature
for plastic encapsulated devices is determined by the glass
transition temperature of the plastic, approximately 150°C.
Temporarily exceeding this limit can cause a shift in parametric
performance due to a change in the stresses exerted on the die
by the package. Exceeding a junction temperature of 175°C for
an extended period can result in device failure.
While the AD8051/AD8052/AD8054 are internally short-
circuit protected, this cannot be sufficient to guarantee that the
maximum junction temperature (150°C) is not exceeded under
all conditions. To ensure proper operation, it is necessary to
observe the maximum power derating curves.
AMBIENT TEMPERATURE (°C)
–55
0
2.0
1.5
1.0
0.5
5
2.5
MSOP-8
SOIC-8
SOT-23-5
SOIC-14
TSSOP-14
–35
–15
15
35
55
75
95
115
Figure 6. Maximum Power Dissipation vs.
Temperature for AD8051/AD8052/AD8054
ESD CAUTION


Similar Part No. - AD8052AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8052AR AD-AD8052AR Datasheet
267Kb / 16P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. B
AD8052AR AD-AD8052AR Datasheet
561Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8052AR-REEL AD-AD8052AR-REEL Datasheet
267Kb / 16P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. B
AD8052AR-REEL AD-AD8052AR-REEL Datasheet
561Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8052AR-REEL7 AD-AD8052AR-REEL7 Datasheet
267Kb / 16P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. B
More results

Similar Description - AD8052AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8091 AD-AD8091 Datasheet
229Kb / 16P
   Low-Cost, High-Speed Rail-to-Rail Amplifiers
REV. A
AD8051 AD-AD8051 Datasheet
267Kb / 16P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. B
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8051 AD-AD8051_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8052 AD-AD8052_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8092 AD-AD8092_15 Datasheet
548Kb / 21P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8051 AD-AD8051_06 Datasheet
502Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. G
AD8091 AD-AD8091_16 Datasheet
292Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
AD8091 AD-AD8091_05 Datasheet
488Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com