Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8659ACPZ-RL Datasheet(PDF) 1 Page - Analog Devices

Part # AD8659ACPZ-RL
Description  22 mu A, RRIO, CMOS,18 V Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8659ACPZ-RL Datasheet(HTML) 1 Page - Analog Devices

  AD8659ACPZ-RL Datasheet HTML 1Page - Analog Devices AD8659ACPZ-RL Datasheet HTML 2Page - Analog Devices AD8659ACPZ-RL Datasheet HTML 3Page - Analog Devices AD8659ACPZ-RL Datasheet HTML 4Page - Analog Devices AD8659ACPZ-RL Datasheet HTML 5Page - Analog Devices AD8659ACPZ-RL Datasheet HTML 6Page - Analog Devices AD8659ACPZ-RL Datasheet HTML 7Page - Analog Devices AD8659ACPZ-RL Datasheet HTML 8Page - Analog Devices AD8659ACPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
22 µA, RRIO, CMOS,18 V
Operational Amplifiers
Data Sheet
AD8657/AD8659
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Micropower at high voltage (18 V): 22 μA maximum
Low offset voltage: 350 µV maximum
Low input bias current: 20 pA maximum
Gain bandwidth product: 230 kHz at A
V = 100 typical
Unity-gain crossover: 230 kHz
−3 dB closed-loop bandwidth: 305 kHz
Single-supply operation: 2.7 V to 18 V
Dual-supply operation: ±1.35 V to ±9 V
Unity-gain stable
Excellent electromagnetic interference immunity
APPLICATIONS
Portable operating systems
Current monitors
4 mA to 20 mA loop drivers
Buffer/level shifting
Multipole filters
Remote/wireless sensors
Low power transimpedance amplifiers
GENERAL DESCRIPTION
The AD8657/AD8659 are dual and quad micropower, precision,
rail-to-rail input/output amplifiers optimized for low power and
wide operating supply voltage range applications.
The AD8657/AD8659 operate from 2.7 V to 18 V with a typical
quiescent supply current of 18 μA. The devices use the Analog
Devices, Inc., patented DigiTrim® trimming technique, which
achieves low offset voltage. The AD8657/AD8659 also have
high immunity to electromagnetic interference.
The combination of low supply current, low offset voltage, very
low input bias current, wide supply range, and rail-to-rail input
and output make the AD8657/AD8659 ideal for current
monitoring in process and motor control applications. The
combination of precision specifications makes these devices
ideal for dc gain and buffering of sensor front ends or high
impedance input sources in wireless or remote sensors or
transmitters.
The AD8657/AD8659 are specified over the extended industrial
temperature range (−40°C to +125°C). The AD8657 is available in
an 8-lead MSOP package and an 8-lead LFCSP package; the
AD8659 is available in a 14-lead SOIC package and 16-lead
LFCSP package.
PIN CONNECTION DIAGRAMS
OUT A 1
–IN A 2
+IN A 3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8657
TOP VIEW
(Not to Scale)
Figure 1. AD8657 Pin Configuration, 8-Lead MSOP
AD8657
TOP VIEW
(Not to Scale)
NOTES
1. CONNECT THE EXPOSED PAD TO V– OR
LEAVE IT UNCONNECTED.
3
+IN A
4
V–
1
OUT A
2
–IN A
6 –IN B
5 +IN B
8 V+
7 OUT B
Figure 2. AD8657 Pin Configuration, 8-Lead LFCSP
Note: For AD8659 pin connections and for more information
about the pin connections for these products, see the Pin
Configurations and Function Descriptions section.
0
10
20
30
40
50
60
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VSY = 2.7V
VSY = 18V
Figure 3. AD8657, Supply Current vs. Temperature
Table 1. Precision Micropower Op Amps (<250 µA)
Supply Voltage
5 V
12 V to 16 V
36 V
Single
AD8538
OP196
AD8603
ADA4051-1
Dual
AD8539
AD8657
AD8622
AD8607
ADA4091-2
ADA4051-2
ADA4096-2
Quad
AD8609
AD8659
AD8624
ADA4091-4
ADA4096-4


Similar Part No. - AD8659ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8651 AD-AD8651 Datasheet
558Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. B
AD8651 AD-AD8651 Datasheet
484Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
Rev. C
AD8651 AD-AD8651 Datasheet
994Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. C
AD8651AR AD-AD8651AR Datasheet
558Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. B
AD8651AR AD-AD8651AR Datasheet
484Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
Rev. C
More results

Similar Description - AD8659ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8546 AD-AD8546_12 Datasheet
696Kb / 24P
   22 關A, RRIO, CMOS, 18 V
REV. B
logo
Shenzhen Huazhimei Semi...
HM8521 HMSEMI-HM8521 Datasheet
1Mb / 12P
   3.4關A, 90kHz, RRIO CMOS Operational Amplifiers
logo
Analog Devices
ADA4666-2 AD-ADA4666-2 Datasheet
896Kb / 32P
   18 V, 725 A, 4 MHz CMOS RRIO Operational Amplifier
REV. 0
logo
Shenzhen Huazhimei Semi...
HM8631 HMSEMI-HM8631 Datasheet
2Mb / 13P
   520關A, 6.5MHz, RRIO CMOS Operational Amplifiers
logo
Analog Devices
AD8657 AD-AD8657_11 Datasheet
677Kb / 24P
   18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. A
AD8657 AD-AD8657 Datasheet
1Mb / 24P
   18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. 0
logo
Guangdong Youtai Semico...
AD8541 UMW-AD8541 Datasheet
3Mb / 19P
   1.1MHz, 85μA, CMOS, RRIO Operational Amplifiers
AD8631 UMW-AD8631 Datasheet
1Mb / 15P
   480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
logo
Analog Devices
ADA4661-2 AD-ADA4661-2 Datasheet
904Kb / 32P
   18 V, Precision, 725 A, 4 MHz, CMOS RRIO Operational Amplifier
REV. 0
logo
Texas Instruments
TLV9062-Q1 TI1-TLV9062-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com