Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9639BCPZ-170 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9639BCPZ-170
Description  Quad, 12-Bit, 170 MSPS/210 MSPS Serial Output 1.8 V ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9639BCPZ-170 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9639BCPZ-170 Datasheet HTML 2Page - Analog Devices AD9639BCPZ-170 Datasheet HTML 3Page - Analog Devices AD9639BCPZ-170 Datasheet HTML 4Page - Analog Devices AD9639BCPZ-170 Datasheet HTML 5Page - Analog Devices AD9639BCPZ-170 Datasheet HTML 6Page - Analog Devices AD9639BCPZ-170 Datasheet HTML 7Page - Analog Devices AD9639BCPZ-170 Datasheet HTML 8Page - Analog Devices AD9639BCPZ-170 Datasheet HTML 9Page - Analog Devices AD9639BCPZ-170 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD9639
Data Sheet
Rev. B | Page 6 of 36
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, 1.25 V p-p differential input, AIN = −1.0 dBFS, DCS enabled, unless
otherwise noted.
Table 4.
AD9639BCPZ-170
AD9639BCPZ-210
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK
Clock Rate
Full
100
170
100
210
MSPS
Clock Pulse Width High (tEH)
Full
2.65
2.9
2.15
2.4
ns
Clock Pulse Width Low (tEL)
Full
2.65
2.9
2.15
2.4
ns
DATA OUTPUT PARAMETERS
Data Output Period or UI
(DOUT + x, DOUT − x)
Full
1/(20 × fCLK)
1/(20 × fCLK)
Seconds
Data Output Duty Cycle
25°C
50
50
%
Data Valid Time
25°C
0.8
0.8
UI
PLL Lock Time (tLOCK)
25°C
4
4
µs
Wake-Up Time (Standby)
25°C
250
250
ns
Wake-Up Time (Power-Down)2
25°C
50
50
μs
Pipeline Latency
Full
40
40
CLK cycles
Data Rate per Channel (NRZ)
25°C
3.4
4.2
Gbps
Deterministic Jitter
25°C
10
10
ps
Random Jitter
25°C
6
6
ps rms
Channel-to-Channel Bit Skew
25°C
0
0
Seconds
Channel-to-Channel Packet Skew3
25°C
±1
±1
CLK cycles
Output Rise/Fall Time
25°C
50
50
ps
TERMINATION CHARACTERISTICS
Differential Termination Resistance
25°C
100
100
APERTURE
Aperture Delay (tA)
25°C
1.2
1.2
ns
Aperture Uncertainty (Jitter)
25°C
0.2
0.2
ps rms
OUT-OF-RANGE RECOVERY TIME
25°C
1
1
CLK cycles
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and details on how these tests were completed.
2
Receiver dependent.
3
See the Serial Data Frame section.


Similar Part No. - AD9639BCPZ-170

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9630 AD-AD9630 Datasheet
101Kb / 7P
   Low Distortion 750 MHz Closed-Loop Buffer Amp
REV. B
AD9630 AD-AD9630 Datasheet
115Kb / 7P
   Low Distortion 750 MHz Closed-Loop Buffer Amp
REV. B
AD9630AN AD-AD9630AN Datasheet
101Kb / 7P
   Low Distortion 750 MHz Closed-Loop Buffer Amp
REV. B
AD9630AR AD-AD9630AR Datasheet
101Kb / 7P
   Low Distortion 750 MHz Closed-Loop Buffer Amp
REV. B
AD9630AR-REEL AD-AD9630AR-REEL Datasheet
101Kb / 7P
   Low Distortion 750 MHz Closed-Loop Buffer Amp
REV. B
More results

Similar Description - AD9639BCPZ-170

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9239 AD-AD9239 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9634 AD-AD9634 Datasheet
1Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com