Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9632AR Datasheet(PDF) 9 Page - Analog Devices

Part # AD9632AR
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9632AR Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9632AR Datasheet HTML 5Page - Analog Devices AD9632AR Datasheet HTML 6Page - Analog Devices AD9632AR Datasheet HTML 7Page - Analog Devices AD9632AR Datasheet HTML 8Page - Analog Devices AD9632AR Datasheet HTML 9Page - Analog Devices AD9632AR Datasheet HTML 10Page - Analog Devices AD9632AR Datasheet HTML 11Page - Analog Devices AD9632AR Datasheet HTML 12Page - Analog Devices AD9632AR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. C
AD9631/AD9632
–9–
FREQUENCY – Hz
–30
10k
100k
1M
10M
–50
–70
–90
–110
–130
100M
VS = 5V
RL = 500
G = +2
VO = 2V p-p
THIRD
HARMONIC
SECOND
HARMONIC
TPC 31. AD9632 Harmonic Distortion vs.
Frequency, RL = 500
W
FREQUENCY – Hz
–30
10k
100k
1M
10M
–50
–70
–90
–110
–130
100M
VS = 5V
RL = 100
G = +2
VO = 2V p-p
THIRD
HARMONIC
SECOND
HARMONIC
TPC 32. AD9632 Harmonic Distortion vs.
Frequency, RL = 100
W
FREQUENCY – MHz
50
10
20
30
40
45
40
35
25
20
100
50
60
70 80 90
30
15
10
TPC 33. AD9632 Third Order Intercept vs. Frequency
0.04
1ST
11TH
6TH
0.02
0.00
–0.02
–0.04
2ND
7TH
3RD
8TH
4TH
9TH
5TH
10TH
0.00
–0.02
–0.04
0.04
1ST
11TH
6TH
2ND
7TH
3RD
8TH
4TH
9TH
5TH
10TH
0.02
TPC 34. AD9632 Differential Gain and Phase
Error G = +2, RL = 150
W
SETTLING TIME – ns
0
10
20
30
0.2
0.1
0.0
–0.2
–0.3
40
50
60
70
80
–0.1
TPC 35. AD9632 Short-Term Settling Time,
2 V Step, RL = 100
W
SETTLING TIME –
s
0.3
0
123
0.2
0.1
0.0
–0.2
45
67
8
–0.1
910
TPC 36. AD9632 Long-Term Settling Time,
2 V Step, RL = 100
W


Similar Part No. - AD9632AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9632AR AD-AD9632AR Datasheet
528Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. A
AD9632AR AD-AD9632AR Datasheet
635Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9632AR AD-AD9632AR Datasheet
574Kb / 20P
   Ultralow Distortion, Wide BandwidthVoltage Feedback Op Amps
REV. C
AD9632AR-REEL AD-AD9632AR-REEL Datasheet
635Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9632AR-REEL AD-AD9632AR-REEL Datasheet
574Kb / 20P
   Ultralow Distortion, Wide BandwidthVoltage Feedback Op Amps
REV. C
More results

Similar Description - AD9632AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9632 AD-AD9632_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631 AD-AD9631 Datasheet
528Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. A
AD9631 AD-AD9631_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631 AD-AD9631_03 Datasheet
635Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9632ARZ AD-AD9632ARZ Datasheet
574Kb / 20P
   Ultralow Distortion, Wide BandwidthVoltage Feedback Op Amps
REV. C
AD8036 AD-AD8036_15 Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036_2000 AD-AD8036_2000 Datasheet
425Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8037 AD-AD8037_15 Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036 AD-AD8036 Datasheet
387Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. A
AD8037ARZ AD-AD8037ARZ Datasheet
605Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com