Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9822JRSRL Datasheet(PDF) 1 Page - Analog Devices

Part # AD9822JRSRL
Description  Complete 14-Bit CCD/CIS Signal Processor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9822JRSRL Datasheet(HTML) 1 Page - Analog Devices

  AD9822JRSRL Datasheet HTML 1Page - Analog Devices AD9822JRSRL Datasheet HTML 2Page - Analog Devices AD9822JRSRL Datasheet HTML 3Page - Analog Devices AD9822JRSRL Datasheet HTML 4Page - Analog Devices AD9822JRSRL Datasheet HTML 5Page - Analog Devices AD9822JRSRL Datasheet HTML 6Page - Analog Devices AD9822JRSRL Datasheet HTML 7Page - Analog Devices AD9822JRSRL Datasheet HTML 8Page - Analog Devices AD9822JRSRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Complete 14-Bit
CCD/CIS Signal Processor
AD9822
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
14-bit 15 MSPS ADC
No missing codes guaranteed
3-channel operation up to 15 MSPS
1-channel operation up to 12.5 MSPS
Correlated double sampling
1–6× programmable gain
±350 mV programmable offset
Input clamp circuitry
Internal voltage reference
Multiplexed byte-wide output (8 + 6 format)
3-wire serial digital interface
3 V/5 V digital I/O compatibility
28-Lead SOIC or SSOP
Low power CMOS: 385 mW (typ)
Power-down mode: <1 mW
APPLICATIONS
Flatbed document scanners
Film scanners
Digital color copiers
Multifunction peripherals
GENERAL DESCRIPTION
The AD9822 is a complete analog signal processor for CCD
imaging applications. It features a 3-channel architecture designed
to sample and condition the outputs of trilinear color CCD
arrays. Each channel consists of an input clamp, correlated double
sampler (CDS), offset DAC, and programmable gain amplifier
(PGA) multiplexed to a high performance 14-bit ADC.
The CDS amplifiers may be disabled for use with sensors such
as contact image sensors (CIS) and CMOS active pixel sensors,
which do not require CDS.
The 14-bit digital output is multiplexed into an 8-bit output
word that is accessed using two read cycles. The internal
registers are programmed through a 3-wire serial interface and
provide adjustment of the gain, offset, and operating mode.
The AD9822 operates from a single 5 V power supply,
consumes 385 mW of power typically, and is packaged in a
28-lead SOIC or SSOP.
FUNCTIONAL BLOCK DIAGRAM
14
8
BAND GAP
REFERENCE
CONFIGURATION
REGISTER
MUX
REGISTER
6
6
9
9
GAIN
REGISTERS
OFFSET
REGISTERS
DIGITAL
CONTROL
INTERFACE
INPUT
CLAMP
BIAS
AD9822
DRVDD
DRVSS
AVDD
AVSS
CAPT
CAPB
AVDD
AVSS
CML
OEB
DOUT
ADCCLK
CDSCLK2
CDSCLK1
OFFSET
VINB
VING
VINR
9-BIT
DAC
SCLK
SLOAD
SDATA
9-BIT
DAC
9-BIT
DAC
CDS
PGA
PGA
PGA
CDS
CDS
3:1
MUX
14-BIT
ADC
14:8
MUX
BLUE
GREEN
RED
BLUE
GREEN
RED
Figure 1.


Similar Part No. - AD9822JRSRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9822JRS AD-AD9822JRS Datasheet
150Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. A
More results

Similar Description - AD9822JRSRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9814 AD-AD9814 Datasheet
160Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. 0
AD9822 AD-AD9822 Datasheet
150Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. A
AD9814 AD-AD9814_15 Datasheet
163Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. 0
AD9822 AD-AD9822_15 Datasheet
474Kb / 20P
   Complete 14-Bit CCD/CIS Signal Processor
REV. B
AD9814S AD-AD9814S Datasheet
121Kb / 7P
   14-Bit CCD/CIS Signal Processor
REV. D
AD9814S AD-AD9814S_17 Datasheet
105Kb / 8P
   14-Bit CCD/CIS Signal Processor
AD80066 AD-AD80066_15 Datasheet
388Kb / 20P
   Complete 16-Bit CCD/CIS Signal Processor
AD80066 AD-AD80066 Datasheet
427Kb / 20P
   Complete 16-Bit CCD/CIS Signal Processor
REV. A
logo
Holtek Semiconductor In...
HT82V14 HOLTEK-HT82V14 Datasheet
115Kb / 12P
   14-Bit CCD/CIS Analog Signal Processor
logo
Texas Instruments
VSP3100 TI1-VSP3100_14 Datasheet
1Mb / 6P
[Old version datasheet]   14-Bit, 10MHz CCD/CIS SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com