Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMDXB600UNE Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMDXB600UNE
Description  20 V, dual N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMDXB600UNE Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMDXB600UNE Datasheet HTML 5Page - NXP Semiconductors PMDXB600UNE Datasheet HTML 6Page - NXP Semiconductors PMDXB600UNE Datasheet HTML 7Page - NXP Semiconductors PMDXB600UNE Datasheet HTML 8Page - NXP Semiconductors PMDXB600UNE Datasheet HTML 9Page - NXP Semiconductors PMDXB600UNE Datasheet HTML 10Page - NXP Semiconductors PMDXB600UNE Datasheet HTML 11Page - NXP Semiconductors PMDXB600UNE Datasheet HTML 12Page - NXP Semiconductors PMDXB600UNE Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
NXP Semiconductors
PMDXB600UNE
20 V, dual N-channel Trench MOSFET
PMDXB600UNE
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
16 September 2013
9 / 15
QG (nC)
0
0.5
0.4
0.2
0.3
0.1
aaa-009006
2
3
1
4
5
VGS
(V)
0
ID = 0.6 A; VDS = 10 V; Tamb = 25 °C
Fig. 15. Gate-source voltage as a function of gate
charge; typical values
017aaa137
VGS
VGS(th)
QGS1 QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
Fig. 16. MOSFET transistor: Gate charge waveform
definitions
VSD (V)
0
2.0
1.6
0.8
1.2
0.4
aaa-009007
1.0
1.5
0.5
2.0
2.5
IS
(A)
0
Tj = 150 °C
Tj = 25 °C
VGS = 0 V
Fig. 17. Source current as a function of source-drain voltage; typical values
11. Test information
t1
t2
P
t
006aaa812
duty cycle δ =
t1
t2
Fig. 18. Duty cycle definition


Similar Part No. - PMDXB600UNE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMDXB600UNE NEXPERIA-PMDXB600UNE Datasheet
734Kb / 15P
   20 V, dual N-channel Trench MOSFET
1 July 2015
PMDXB600UNEL NEXPERIA-PMDXB600UNEL Datasheet
741Kb / 16P
   20 V, dual N-channel Trench MOSFET
logo
NXP Semiconductors
PMDXB600UNE PHILIPS-PMDXB600UNE_15 Datasheet
257Kb / 15P
   20 V, dual N-channel Trench MOSFET
1 July 2015
More results

Similar Description - PMDXB600UNE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMDXB600UNE PHILIPS-PMDXB600UNE_15 Datasheet
257Kb / 15P
   20 V, dual N-channel Trench MOSFET
1 July 2015
logo
Nexperia B.V. All right...
PMDPB28UN NEXPERIA-PMDPB28UN Datasheet
970Kb / 16P
   20 V, dual N-channel Trench MOSFET
PMDPB38UNE NEXPERIA-PMDPB38UNE Datasheet
335Kb / 14P
   20 V dual N-channel Trench MOSFET
logo
NXP Semiconductors
PMDPB30XN PHILIPS-PMDPB30XN_15 Datasheet
229Kb / 13P
   20 V, dual N-channel Trench MOSFET
6 July 2012
logo
Nexperia B.V. All right...
PMDXB290UNE NEXPERIA-PMDXB290UNE Datasheet
303Kb / 14P
   20 V, dual N-channel Trench MOSFET
19 January 2023
PMDPB42UN NEXPERIA-PMDPB42UN Datasheet
1Mb / 16P
   20 V, dual N-channel Trench MOSFET
PMDXB600UNE NEXPERIA-PMDXB600UNE Datasheet
734Kb / 15P
   20 V, dual N-channel Trench MOSFET
1 July 2015
PMGD130UN NEXPERIA-PMGD130UN Datasheet
1Mb / 16P
   20 V, dual N-channel Trench MOSFET
PMDPB30XN NEXPERIA-PMDPB30XN Datasheet
729Kb / 13P
   20 V, dual N-channel Trench MOSFET
PMDXB600UNEL NEXPERIA-PMDXB600UNEL Datasheet
741Kb / 16P
   20 V, dual N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com