Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMDXB950UPE Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMDXB950UPE
Description  20 V, dual P-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMDXB950UPE Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMDXB950UPE Datasheet HTML 4Page - NXP Semiconductors PMDXB950UPE Datasheet HTML 5Page - NXP Semiconductors PMDXB950UPE Datasheet HTML 6Page - NXP Semiconductors PMDXB950UPE Datasheet HTML 7Page - NXP Semiconductors PMDXB950UPE Datasheet HTML 8Page - NXP Semiconductors PMDXB950UPE Datasheet HTML 9Page - NXP Semiconductors PMDXB950UPE Datasheet HTML 10Page - NXP Semiconductors PMDXB950UPE Datasheet HTML 11Page - NXP Semiconductors PMDXB950UPE Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
NXP Semiconductors
PMDXB950UPE
20 V, dual P-channel Trench MOSFET
PMDXB950UPE
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
10 September 2013
8 / 15
ID (V)
0.0
-2.0
-1.5
-0.5
-1.0
aaa-006906
1.0
0.5
1.5
2.0
RDSon
(Ω)
0.0
VGS = -4.5 V
-3.5 V
-3 V
-2.5 V
-1.8 V
-2.2 V
Tj = 25 °C
Fig. 9. Drain-source on-state resistance as a function
of drain current; typical values
VGS (V)
0
-5
-4
-2
-3
-1
aaa-006907
2
3
1
4
5
RDSon
(Ω)
0
Tj = 150 °C
Tj = 25 °C
ID = -0.5 A
Fig. 10. Drain-source on-state resistance as a function
of gate-source voltage; typical values
VGS (V)
0
-4
-3
-1
-2
aaa-006908
-0.50
-0.25
-0.75
-1.00
ID
(A)
0.00
Tj = 150 °C
Tj = 25 °C
VDS > ID × RDSon
Fig. 11. Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Tj (°C)
-60
180
120
0
60
aaa-006909
1.00
0.75
1.25
1.50
a
0.50
Fig. 12. Normalized drain-source on-state resistance
as a function of junction temperature; typical
values


Similar Part No. - PMDXB950UPE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMDXB950UPE NEXPERIA-PMDXB950UPE Datasheet
732Kb / 15P
   20 V, dual P-channel Trench MOSFET
30 June 2015
PMDXB950UPEL NEXPERIA-PMDXB950UPEL Datasheet
739Kb / 16P
   20 V, dual P-channel Trench MOSFET
logo
NXP Semiconductors
PMDXB950UPE PHILIPS-PMDXB950UPE_15 Datasheet
254Kb / 15P
   20 V, dual P-channel Trench MOSFET
30 June 2015
More results

Similar Description - PMDXB950UPE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMDPB58UPE NXP-PMDPB58UPE Datasheet
880Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-19 June 2012
PMDPB80XP PHILIPS-PMDPB80XP_15 Datasheet
899Kb / 15P
   20 V, dual P-channel Trench MOSFET
Rev. 1-30 May 2012
logo
Nexperia B.V. All right...
PMDXB950UPEL NEXPERIA-PMDXB950UPEL Datasheet
739Kb / 16P
   20 V, dual P-channel Trench MOSFET
PMDPB58UPE NEXPERIA-PMDPB58UPE Datasheet
707Kb / 14P
   20 V dual P-channel Trench MOSFET
3 February 2016
logo
NXP Semiconductors
PMDPB70XPE PHILIPS-PMDPB70XPE Datasheet
822Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-20 June 2012
PMDPB55XP PHILIPS-PMDPB55XP_15 Datasheet
884Kb / 15P
   20 V, dual P-channel Trench MOSFET
Rev. 3-4 June 2012
PMDPB58UPE PHILIPS-PMDPB58UPE_15 Datasheet
880Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-19 June 2012
logo
Nexperia B.V. All right...
PMDPB80XP NEXPERIA-PMDPB80XP Datasheet
1Mb / 15P
   20 V, dual P-channel Trench MOSFET
PMDPB85UPE NEXPERIA-PMDPB85UPE Datasheet
1Mb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1 - 20 June 2012
PMDXB950UPE NEXPERIA-PMDXB950UPE Datasheet
732Kb / 15P
   20 V, dual P-channel Trench MOSFET
30 June 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com