Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMDXB950UPE Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMDXB950UPE
Description  20 V, dual P-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMDXB950UPE Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMDXB950UPE Datasheet HTML 5Page - NXP Semiconductors PMDXB950UPE Datasheet HTML 6Page - NXP Semiconductors PMDXB950UPE Datasheet HTML 7Page - NXP Semiconductors PMDXB950UPE Datasheet HTML 8Page - NXP Semiconductors PMDXB950UPE Datasheet HTML 9Page - NXP Semiconductors PMDXB950UPE Datasheet HTML 10Page - NXP Semiconductors PMDXB950UPE Datasheet HTML 11Page - NXP Semiconductors PMDXB950UPE Datasheet HTML 12Page - NXP Semiconductors PMDXB950UPE Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
NXP Semiconductors
PMDXB950UPE
20 V, dual P-channel Trench MOSFET
PMDXB950UPE
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
10 September 2013
9 / 15
Tj (°C)
-60
180
120
0
60
aaa-006910
-0.5
-1.0
-1.5
VGS(th)
(V)
0.0
min
typ
max
ID = -0.25 mA; VDS = VGS
Fig. 13. Gate-source threshold voltage as a function of
junction temperature
aaa-006911
VDS (V)
-10-1
-102
-10
-1
10
102
C
(pF)
1
Ciss
Coss
Crss
f = 1 MHz; VGS = 0 V
Fig. 14. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
aaa-006912
QG (nC)
0
1.2
0.8
0.4
-2
-3
-1
-4
-5
VGS
(V)
0
ID = -0.5 A; VDS = -10 V; Tamb = 25 °C
Fig. 15. Gate-source voltage as a function of gate
charge; typical values
017aaa137
VGS
VGS(th)
QGS1 QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
Fig. 16. Gate charge waveform definitions


Similar Part No. - PMDXB950UPE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMDXB950UPE NEXPERIA-PMDXB950UPE Datasheet
732Kb / 15P
   20 V, dual P-channel Trench MOSFET
30 June 2015
PMDXB950UPEL NEXPERIA-PMDXB950UPEL Datasheet
739Kb / 16P
   20 V, dual P-channel Trench MOSFET
logo
NXP Semiconductors
PMDXB950UPE PHILIPS-PMDXB950UPE_15 Datasheet
254Kb / 15P
   20 V, dual P-channel Trench MOSFET
30 June 2015
More results

Similar Description - PMDXB950UPE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMDPB58UPE NXP-PMDPB58UPE Datasheet
880Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-19 June 2012
PMDPB80XP PHILIPS-PMDPB80XP_15 Datasheet
899Kb / 15P
   20 V, dual P-channel Trench MOSFET
Rev. 1-30 May 2012
logo
Nexperia B.V. All right...
PMDXB950UPEL NEXPERIA-PMDXB950UPEL Datasheet
739Kb / 16P
   20 V, dual P-channel Trench MOSFET
PMDPB58UPE NEXPERIA-PMDPB58UPE Datasheet
707Kb / 14P
   20 V dual P-channel Trench MOSFET
3 February 2016
logo
NXP Semiconductors
PMDPB70XPE PHILIPS-PMDPB70XPE Datasheet
822Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-20 June 2012
PMDPB55XP PHILIPS-PMDPB55XP_15 Datasheet
884Kb / 15P
   20 V, dual P-channel Trench MOSFET
Rev. 3-4 June 2012
PMDPB58UPE PHILIPS-PMDPB58UPE_15 Datasheet
880Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-19 June 2012
logo
Nexperia B.V. All right...
PMDPB80XP NEXPERIA-PMDPB80XP Datasheet
1Mb / 15P
   20 V, dual P-channel Trench MOSFET
PMDPB85UPE NEXPERIA-PMDPB85UPE Datasheet
1Mb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1 - 20 June 2012
PMDXB950UPE NEXPERIA-PMDXB950UPE Datasheet
732Kb / 15P
   20 V, dual P-channel Trench MOSFET
30 June 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com