Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQMD12 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PQMD12
Description  NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PQMD12 Datasheet(HTML) 5 Page - NXP Semiconductors

  PQMD12 Datasheet HTML 1Page - NXP Semiconductors PQMD12 Datasheet HTML 2Page - NXP Semiconductors PQMD12 Datasheet HTML 3Page - NXP Semiconductors PQMD12 Datasheet HTML 4Page - NXP Semiconductors PQMD12 Datasheet HTML 5Page - NXP Semiconductors PQMD12 Datasheet HTML 6Page - NXP Semiconductors PQMD12 Datasheet HTML 7Page - NXP Semiconductors PQMD12 Datasheet HTML 8Page - NXP Semiconductors PQMD12 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NXP Semiconductors
PQMD12
NPN/PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 47 kΩ
PQMD12
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
24 July 2013
5 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
hFE
DC current gain
VCE = 5 V; IC = 5 mA; Tamb = 25 °C
80
-
-
VCEsat
collector-emitter
saturation voltage
IC = 10 mA; IB = 0.5 mA; Tamb = 25 °C
-
-
150
mV
VI(off)
off-state input voltage
VCE = 5 V; IC = 100 µA; Tamb = 25 °C
-
1.2
0.8
V
VI(on)
on-state input voltage
VCE = 0.3 V; IC = 2 mA; Tamb = 25 °C
3
1.6
-
V
R1
resistance 1
33
47
61
R2/R1
resistance ratio
Tamb = 25 °C
0.8
1
1.2
VCB = 10 V; IE = 0 A; f = 1 MHz;
Tamb = 25 °C; TR1 (NPN)
-
-
2.5
pF
Cc
collector capacitance
VCB = -10 V; IE = 0 A; f = 1 MHz;
Tamb = 25 °C; TR2 (PNP)
-
-
3
pF
VCE = 5 V; IC = 10 mA; f = 100 MHz;
Tamb = 25 °C; TR1 (NPN)
[1]
-
230
-
MHz
fT
transition frequency
VCE = -5 V; IC = -10 mA; f = 100 MHz;
Tamb = 25 °C; TR2 (PNP)
[1]
-
180
-
MHz
[1] Characteristics of built-in transistor
IC (mA)
10-1
102
10
1
006aac752
102
10
103
hFE
1
(1)
(2)
(3)
VCE = 5 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = -40 °C
Fig. 4. NPN transistor: DC current gain as a function of
collector current; typical values
006aac753
IC (mA)
10-1
102
10
1
10-1
1
VCEsat
(V)
10-2
(1)
(2)
(3)
IC/IB = 20
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = -40 °C
Fig. 5. NPN transistor: Collector-emitter saturation
voltage as a function of collector current;
typical values


Similar Part No. - PQMD12

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PQMD12 NEXPERIA-PQMD12 Datasheet
689Kb / 14P
   NPN/PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 47 kΩ
8 July 2015
More results

Similar Description - PQMD12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD12_PUMD12 PHILIPS-PEMD12_PUMD12_15 Datasheet
965Kb / 16P
   NPN/PNP resistor-equipped transistors; R1 = 47 k?? R2 = 47 k?
Rev. 4-21 November 2011
logo
Nexperia B.V. All right...
PEMD12 NEXPERIA-PEMD12 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 4 - 21 November 2011
PDTA144E_SER NEXPERIA-PDTA144E_SER Datasheet
1Mb / 17P
   PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 8 - 14 November 2011
logo
NXP Semiconductors
PDTC144E PHILIPS-PDTC144E_15 Datasheet
760Kb / 17P
   NPN resistor-equipped transistors; R1 = 47 k?? R2 = 47 k?
Rev. 9-15 November 2011
logo
Nexperia B.V. All right...
PDTC144E_SER NEXPERIA-PDTC144E_SER Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 9 - 15 November 2011
logo
NXP Semiconductors
PEMD48_PUMD48 PHILIPS-PEMD48_PUMD48_15 Datasheet
969Kb / 16P
   NPN/PNP resistor-equipped transistors R1 = 47 k?? R2 = 47 k??and R1 = 2.2 k?? R2 = 47 k?
Rev. 6-24 January 2012
logo
Nexperia B.V. All right...
PEMD48 NEXPERIA-PEMD48_V01 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k and R1 = 2.2 k, R2 = 47 k
Rev. 6 - 24 January 2012
logo
NXP Semiconductors
PEMB2_PUMB2 PHILIPS-PEMB2_PUMB2_15 Datasheet
628Kb / 14P
   PNP/PNP resistor-equipped transistors R1 = 47 k?? R2 = 47 k?
Rev. 3-17 November 2011
logo
Nexperia B.V. All right...
PEMB2 NEXPERIA-PEMB2 Datasheet
627Kb / 14P
   PNP/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 3 - 17 November 2011
PEMH2 NEXPERIA-PEMH2_V01 Datasheet
912Kb / 15P
   NPN/NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 5 - 5 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com