Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL-259YGM1G-2Y-1A Datasheet(PDF) 2 Page - Lucky Light Electronic

Part # LL-259YGM1G-2Y-1A
Description  2횞5mm Bi-Color With Common Cathode Type Yellow & Yellow Green LED Technical Data Sheet
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-259YGM1G-2Y-1A Datasheet(HTML) 2 Page - Lucky Light Electronic

  LL-259YGM1G-2Y-1A Datasheet HTML 1Page - Lucky Light Electronic LL-259YGM1G-2Y-1A Datasheet HTML 2Page - Lucky Light Electronic LL-259YGM1G-2Y-1A Datasheet HTML 3Page - Lucky Light Electronic LL-259YGM1G-2Y-1A Datasheet HTML 4Page - Lucky Light Electronic LL-259YGM1G-2Y-1A Datasheet HTML 5Page - Lucky Light Electronic LL-259YGM1G-2Y-1A Datasheet HTML 6Page - Lucky Light Electronic LL-259YGM1G-2Y-1A Datasheet HTML 7Page - Lucky Light Electronic LL-259YGM1G-2Y-1A Datasheet HTML 8Page - Lucky Light Electronic LL-259YGM1G-2Y-1A Datasheet HTML 9Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Luckylight
Spec No.: A010 X400
Rev No.: V.2
Date: Dec/26/2005
Page: 2 OF 9
Approved: JoJo
Checked: Wu
Drawn: Shu
Lucky Light Electronics Co., Ltd.
Http://www.luckylight.cn
Features:
Descriptions:
Applications:
Yellow and Yellow Green chips are matched for uniform light output.
With Common Cathode.
Long life solid state reliability.
Low power consumption.
I.C. compatible.
The product itself will remain within RoHS complaint Version.
The lamp contain two integral chips and is available bicolor.
The Yellow and Yellow Green light is emitted by diodes of GaP and GaP respectively.
White Diffused lens color.
TV set.
Monitor.
Telephone.
Computer.
Circuit board.


Similar Part No. - LL-259YGM1G-2Y-1A

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-259YGM1G-2Y-1A LUCKY-LIGHT-LL-259YGM1G-2Y-1A Datasheet
142Kb / 9P
   Yellow & Yellow Green LED
LL-259YGM1G-2Y-1A LUCKY-LIGHT-LL-259YGM1G-2Y-1A_15 Datasheet
142Kb / 9P
   Yellow & Yellow Green LED
More results

Similar Description - LL-259YGM1G-2Y-1A

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-257YGM1G-2Y-1A LUCKY-LIGHT-LL-257YGM1G-2Y-1A Datasheet
146Kb / 9P
   2횞5mm Bi-Color Without Common Polarity Type Yellow & Yellow Green LED Technical Data Sheet
LL-259IGM1G-I1-2A LUCKY-LIGHT-LL-259IGM1G-I1-2A Datasheet
142Kb / 9P
   2횞5mm Bi-Color With Common Cathode Type Hi-Eff Red & Yellow Green LED Technical Data Sheet
LL-3010YGM2E-2Y-1A LUCKY-LIGHT-LL-3010YGM2E-2Y-1A Datasheet
147Kb / 9P
   3mm Bi-Color With Common Cathode Type Yellow & Yellow Green LED Technical Data Sheet
LL-309YGM2E-2Y-1A LUCKY-LIGHT-LL-309YGM2E-2Y-1A Datasheet
147Kb / 9P
   3mm Bi-Color With Common Cathode Type Yellow & Yellow Green LED Technical Data Sheet
LL-509YGM2E-2Y-2A LUCKY-LIGHT-LL-509YGM2E-2Y-2A Datasheet
149Kb / 9P
   5mm Bi-Color With Common Cathode Type Yellow & Yellow Green LED Technical Data Sheet
LL-257IGM1G-I1-2A LUCKY-LIGHT-LL-257IGM1G-I1-2A Datasheet
147Kb / 9P
   2횞5mm Bi-Color Without Common Polarity Type Hi-Eff Red & Yellow Green LED Technical Data Sheet
LL-506YGM2E-2Y-1A LUCKY-LIGHT-LL-506YGM2E-2Y-1A Datasheet
148Kb / 9P
   5mm Bi-Color Without Common Polarity Type Yellow & Yellow Green LED Technical Data Sheet
LL-307YGM2E-2Y-1A LUCKY-LIGHT-LL-307YGM2E-2Y-1A Datasheet
149Kb / 9P
   3mm Bi-Color Without Common Polarity Type Yellow & Yellow Green LED Technical Data Sheet
LL-309IGM2E-I1-2A LUCKY-LIGHT-LL-309IGM2E-I1-2A Datasheet
166Kb / 9P
   3mm Bi-Color With Common Cathode Type Hi-Eff Red & Yellow Green LED Technical Data Sheet
LL-509IGM2E-I1-2A LUCKY-LIGHT-LL-509IGM2E-I1-2A Datasheet
149Kb / 9P
   5mm Bi-Color With Common Cathode Type Hi-Eff Red & Yellow Green LED Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com