Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6674FAG Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TB6674FAG
Description  TOSHIBA BiCD Integrated Circuit Silicon Monolithic
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6674FAG Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TB6674FAG Datasheet HTML 4Page - Toshiba Semiconductor TB6674FAG Datasheet HTML 5Page - Toshiba Semiconductor TB6674FAG Datasheet HTML 6Page - Toshiba Semiconductor TB6674FAG Datasheet HTML 7Page - Toshiba Semiconductor TB6674FAG Datasheet HTML 8Page - Toshiba Semiconductor TB6674FAG Datasheet HTML 9Page - Toshiba Semiconductor TB6674FAG Datasheet HTML 10Page - Toshiba Semiconductor TB6674FAG Datasheet HTML 11Page - Toshiba Semiconductor TB6674FAG Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TB6674PG/FG/FAG
Ver.3
2010-07-07
8
Over Current Protection (ISD) Circuit
The IC incorporates the over current protection circuit that monitors the current flowing through each
output power transistor. If a current, which is out of the detecting current, is sensed at any one of these
transistors, all output transistors are turned off (Hi-Z). (However, ISD is not incorporated in upper
PchDMOS when PS is high level (Vs2A is 5 V usage) because ON resistance is large.
Masking time is 20 μs. The operation does not recover automatically (latch method). There are two
recovery methods written below.
(1) Power monitor turns on when any of the power supply decreases and reaches the specified voltage.
(2) Vs2B is set low level for 20 μs or more and then set high. The operation recovers in 10 μs.
Reference design target of detecting current is as follows;
PS = L, VS1A (12 V) :PchDMOS = 1.1 A
PS = H/PS = L in common :Lower NchDMOS = 1.4 A
Please reduce the external noise to prevent malfunction for ISD.
ISD internal signal
H
L
Normal operation
OFFHi-Z
<ISD operation>
ISD detecting value
0
20 μs
(Design target)
Output current
OFF time
UVLO (Power monitor)
Power monitoring: OFF
Power monitoring: ON
Output terminal
Vs2B
20 μs
10 μs
(Design target)
(Design target)
Operation recovers by
one of two cases.
Power monitoring: ON


Similar Part No. - TB6674FAG

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TB66 TAITRON-TB66 Datasheet
176Kb / 4P
   6.0A Single-Phase Silicon Bridge Rectifier
logo
DFROBOT
TB6600 DFROBOT-TB6600 Datasheet
434Kb / 2P
   TB6600 Stepper Motor Driver
logo
Toshiba Semiconductor
TB6600FG TOSHIBA-TB6600FG Datasheet
1Mb / 36P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2014-03-03
TB6600HG TOSHIBA-TB6600HG Datasheet
1Mb / 35P
   PWM Chopper-Type bipolar Stepping Motor Driver IC
TB6600HQ TOSHIBA-TB6600HQ Datasheet
438Kb / 33P
   PWM Chopper-Type bipolar Stepping Motor Driver IC
2011-06-14
More results

Similar Description - TB6674FAG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB67H400ANG TOSHIBA-TB67H400ANG Datasheet
380Kb / 23P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2016-12-22
TB67S111PG TOSHIBA-TB67S111PG Datasheet
313Kb / 15P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2017-08-04
TB62210FNG TOSHIBA-TB62210FNG Datasheet
310Kb / 21P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2011-12-15
TB62218AFNG TOSHIBA-TB62218AFNG Datasheet
1Mb / 24P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2014-10-01
TB62261FTG TOSHIBA-TB62261FTG Datasheet
793Kb / 24P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2015-11-6
TB6560AFTG TOSHIBA-TB6560AFTG Datasheet
475Kb / 33P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2011-05-23
TB67S101AFG TOSHIBA-TB67S101AFG Datasheet
1Mb / 31P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2013-11-05
TB62208FG TOSHIBA-TB62208FG Datasheet
855Kb / 25P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2014-10-01
TB62208FTG TOSHIBA-TB62208FTG Datasheet
442Kb / 25P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2012-03-11
TB62218FG TOSHIBA-TB62218FG Datasheet
677Kb / 28P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2010-06-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com