Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCA8A04-H Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPCA8A04-H
Description  TOSHIBA Field Effect Transistor with Built-in Schottky Barrier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8A04-H Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPCA8A04-H Datasheet HTML 1Page - Toshiba Semiconductor TPCA8A04-H Datasheet HTML 2Page - Toshiba Semiconductor TPCA8A04-H Datasheet HTML 3Page - Toshiba Semiconductor TPCA8A04-H Datasheet HTML 4Page - Toshiba Semiconductor TPCA8A04-H Datasheet HTML 5Page - Toshiba Semiconductor TPCA8A04-H Datasheet HTML 6Page - Toshiba Semiconductor TPCA8A04-H Datasheet HTML 7Page - Toshiba Semiconductor TPCA8A04-H Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TPCA8A04-H
2010-01-19
5
0
6
3
1
−40
−80
160
0
40
80
120
VGS = 4.5 V
VGS = 10 V
ID = 11A,22A,44A
2
4
ID = 11A,22A,44A
5
50
10
30
40
0
0
20
4
8
12
0
VDD = 6 V
VDS
40
60
100
20
12
24
20
80
16
2.5
1.5
0.5
0
−80
0
40
80
120
160
−40
2.0
1.0
10000
1000
1
0.1
100
10
Ciss
Coss
Crss
100
10
10
4.5
VGS = 0 V
3
−0.2
0
−1.0
−0.6
−0.4
−0.8
100
10
1
1
Ambient temperature Ta (°C)
Dynamic input/output
characteristics
Total gate charge Qg (nC)
Ambient temperature Ta (°C)
RDS (ON) − Ta
Drain-source voltage VDS (V)
IDR − VDS
Drain-source voltage VDS (V)
Capacitance
− VDS
Vth − Ta
Common source
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Common source
VDS = 10 V
ID = 1 mA
Pulse test
Common source
ID = 44 A
Ta
= 25°C
Pulse test


Similar Part No. - TPCA8A04-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8A04-H TOSHIBA-TPCA8A04-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPCA8A04-H VBSEMI-TPCA8A04-H Datasheet
1Mb / 7P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - TPCA8A04-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8A03-H TOSHIBA-TPC8A03-H Datasheet
217Kb / 8P
   TOSHIBA Field Effect Transistor with Built-in Schottky Barrier Diode
TPC8A02-H TOSHIBA-TPC8A02-H Datasheet
484Kb / 8P
   竊큀SHIBA Field Effect Transistor with Built-in Schottky Barrier Diode High-Efficiency DC/DC Converter Applications
2SK3466 TOSHIBA-2SK3466 Datasheet
215Kb / 6P
   TOSHIBA Field Effect Transistor
CMS17 TOSHIBA-CMS17_13 Datasheet
178Kb / 5P
   TOSHIBA Schottky Barrier Diode
CMS15 TOSHIBA-CMS15_13 Datasheet
179Kb / 5P
   TOSHIBA Schottky Barrier Diode
CRS12 TOSHIBA-CRS12_13 Datasheet
152Kb / 5P
   TOSHIBA Schottky Barrier Diode
CMS14 TOSHIBA-CMS14_13 Datasheet
152Kb / 5P
   TOSHIBA Schottky Barrier Diode
logo
Alpha & Omega Semicondu...
AO6701 AOSMD-AO6701 Datasheet
164Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4704 AOSMD-AO4704 Datasheet
160Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
List of Unclassifed Man...
AO8701 ETC-AO8701 Datasheet
125Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com