Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9773BSVRL Datasheet(PDF) 4 Page - Analog Devices

Part # AD9773BSVRL
Description  12-Bit, 160 MSPS, 2x/4x/8x Interpolating Dual TxDAC D/A Converter
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9773BSVRL Datasheet(HTML) 4 Page - Analog Devices

  AD9773BSVRL Datasheet HTML 1Page - Analog Devices AD9773BSVRL Datasheet HTML 2Page - Analog Devices AD9773BSVRL Datasheet HTML 3Page - Analog Devices AD9773BSVRL Datasheet HTML 4Page - Analog Devices AD9773BSVRL Datasheet HTML 5Page - Analog Devices AD9773BSVRL Datasheet HTML 6Page - Analog Devices AD9773BSVRL Datasheet HTML 7Page - Analog Devices AD9773BSVRL Datasheet HTML 8Page - Analog Devices AD9773BSVRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
AD9773
Rev. D | Page 4 of 60
GENERAL DESCRIPTION
The AD97731 is the 12-bit member of the AD977x pin-
compatible, high performance, programmable 2×/4×/8×
interpolating TxDAC+® family. The AD977x family features
a serial port interface (SPI) that provides a high level of
programmability, thus allowing for enhanced system-level
options. These options include selectable 2×/4×/8× interpo-
lation filters; fS/2, fS/4, or fS/8 digital quadrature modulation
with image rejection; a direct IF mode; programmable channel
gain and offset control; programmable internal clock divider;
straight binary or twos complement data interface; and a single-
port or dual-port data interface.
The selectable 2×/4×/8× interpolation filters simplify the
requirements of the reconstruction filters while simultaneously
enhancing the TxDAC+ family’s pass-band noise/distortion
performance. The independent channel gain and offset adjust
registers allow the user to calibrate LO feedthrough and side-
band suppression errors associated with analog quadrature
modulators. The 6 dB of gain adjustment range can also be
used to control the output power level of each DAC.
The AD9773 features the ability to perform fS/2, fS/4, and fS/8
digital modulation and image rejection when combined with an
analog quadrature modulator. In this mode, the AD9773
accepts I and Q complex data (representing a single or multi-
carrier waveform), generates a quadrature modulated IF signal
along with its orthogonal representation via its dual DACs, and
presents these two reconstructed orthogonal IF carriers to an
analog quadrature modulator to complete the image rejection
upconversion process. Another digital modulation mode (for
example, the direct IF mode) allows the original baseband
signal representation to be frequency translated such that pairs
of images fall at multiples of one-half the DAC update rate.
The AD977x family includes a flexible clock interface accepting
differential or single-ended sine wave or digital logic inputs.
An internal PLL clock multiplier is included and generates the
necessary on-chip high frequency clocks. It can also be disabled
to allow the use of a higher performance external clock source.
An internal programmable divider simplifies clock generation
in the converter when using an external clock source. A flexible
data input interface allows for straight binary or twos complement
formats and supports single-port interleaved or dual-port data.
1 Protected by U.S. Patent Numbers 5,568,145; 5,689,257; and 5,703,519. Other
patents pending.
Dual high performance DAC outputs provide a differential
current output programmable over a 2 mA to 20 mA range. The
AD9773 is manufactured on an advanced 0.35 micron CMOS
process, operates from a single supply of 3.1 V to 3.5 V, and
consumes 1.2 W of power.
Targeted at a wide dynamic range, multicarrier, and multi-
standard systems, the superb baseband performance of the
AD9773 is ideal for wide band CDMA, multicarrier CDMA,
multicarrier TDMA, multicarrier GSM, and high performance
systems employing high order QAM modulation schemes. The
image rejection feature simplifies and can help to reduce the
number of signal band filters needed in a transmit signal chain.
The direct IF mode helps to eliminate a costly mixer stage for a
variety of communications systems.
PRODUCT HIGHLIGHTS
1.
The AD9773 is the 12-bit member of the AD977x pin
compatible, high performance, programmable 2×/4×/8×
interpolating TxDAC+ family.
2.
Direct IF transmission is possible for 70 MHz + IFs
through a novel digital mixing process.
3.
fS/2, fS/4, and fS/8 digital quadrature modulation and user
selectable image rejection simplify/remove cascaded SAW
filter stages.
4.
A 2×/4×/8× user selectable interpolating filter eases data
rate and output signal reconstruction filter requirements.
5.
User selectable twos complement/straight binary
data coding.
6.
User programmable channel gain control over 1 dB range
in 0.01 dB increments.
7.
User programmable channel offset control ±10% over
the FSR.
8.
Ultrahigh speed 400 MSPS DAC conversion rate.
9.
Internal clock divider provides data rate clock for
easy interfacing.
10. Flexible clock input with single-ended or differential input,
CMOS, or 1 V p-p LO sine wave input capability.
11. Low power: Complete CMOS DAC operates on 1.2 W from a
3.1 V to 3.5 V single supply. The 20 mA full-scale current can
be reduced for lower power operation, and several sleep
functions reduce power during idle periods.
12. On-chip voltage reference: The AD9773 includes a 1.20 V
temperature compensated band gap voltage reference.
13. 80-lead thin quad flat package, exposed pad (TQFP_EP).


Similar Part No. - AD9773BSVRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9773 AD-AD9773 Datasheet
218Kb / 19P
   12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
REV. PrA
AD9773 AD-AD9773 Datasheet
77Kb / 1P
   Analog Devices: Data Converters: DAC 12-Bit, 10 ns to 100 ns Converters Selection Table
4/2004
AD9773 AD-AD9773 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD9773 AD-AD9773 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD9773AST AD-AD9773AST Datasheet
218Kb / 19P
   12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
REV. PrA
More results

Similar Description - AD9773BSVRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9777BSVZ AD-AD9777BSVZ Datasheet
1Mb / 60P
   16-Bit, 160 MSPS 2x/4x/8x Interpolating Dual TxDAC D/A Converter
REV. C
AD9775 AD-AD9775 Datasheet
5Mb / 48P
   14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
AD9777 AD-AD9777 Datasheet
5Mb / 48P
   16-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
AD9773 AD-AD9773 Datasheet
218Kb / 19P
   12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
REV. PrA
logo
Renesas Technology Corp
DAC1205D750 RENESAS-DAC1205D750 Datasheet
414Kb / 41P
   Dual 12-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
logo
Analog Devices
AD97651 AD-AD97651 Datasheet
472Kb / 28P
   12-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. B
AD9762 AD-AD9762 Datasheet
414Kb / 23P
   12-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9742 AD-AD9742 Datasheet
783Kb / 20P
   12-Bit, 165 MSPS TxDAC D/A Converter
REV. 0
logo
Texas Instruments
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
[Old version datasheet]   16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com