Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9773BSVZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9773BSVZ
Description  12-Bit, 160 MSPS, 2x/4x/8x Interpolating Dual TxDAC D/A Converter
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9773BSVZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9773BSVZ Datasheet HTML 3Page - Analog Devices AD9773BSVZ Datasheet HTML 4Page - Analog Devices AD9773BSVZ Datasheet HTML 5Page - Analog Devices AD9773BSVZ Datasheet HTML 6Page - Analog Devices AD9773BSVZ Datasheet HTML 7Page - Analog Devices AD9773BSVZ Datasheet HTML 8Page - Analog Devices AD9773BSVZ Datasheet HTML 9Page - Analog Devices AD9773BSVZ Datasheet HTML 10Page - Analog Devices AD9773BSVZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
AD9773
Rev. D | Page 7 of 60
DIGITAL SPECIFICATIONS
TMIN to TMAX, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 0 V, DVDD = 3.3 V, IOUTFS = 20 mA, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
DIGITAL INPUTS
Logic 1 Voltage
2.1
3
V
Logic 0 Voltage
0
0.9
V
Logic 1 Current
−10
+10
μA
Logic 0 Current
−10
+10
μA
Input Capacitance
5
pF
CLOCK INPUTS
Input Voltage Range
0
3
V
Common-Mode Voltage
0.75
1.5
2.25
V
Differential Voltage
0.5
1.5
V
SERIAL CONTROL BUS
Maximum SCLK Frequency (fSLCK)
15
MHz
Minimum Clock Pulse Width High (tPWH)
30
ns
Minimum Clock Pulse Width Low (tPWL)
30
ns
Maximum Clock Rise/Fall Time
1
ms
Minimum Data/Chip Select Setup Time (tDS)
25
ns
Minimum Data Hold Time (tDH)
0
ns
Maximum Data Valid Time (tDV)
30
ns
RESET Pulse Width
1.5
ns
Inputs (SDI, SDIO, SCLK, CSB)
Logic 1 Voltage
2.1
3
V
Logic 0 Voltage
0
0.9
V
Logic 1 Current
−10
+10
μA
Logic 0 Current
−10
+10
μA
Input Capacitance
5
pF
SDIO Output
Logic 1 Voltage
DRVDD − 0.6
V
Logic 0 Voltage
0.4
V
Logic 1 Current
30
50
mA
Logic 0 Current
30
50
mA


Similar Part No. - AD9773BSVZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9773 AD-AD9773 Datasheet
218Kb / 19P
   12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
REV. PrA
AD9773 AD-AD9773 Datasheet
77Kb / 1P
   Analog Devices: Data Converters: DAC 12-Bit, 10 ns to 100 ns Converters Selection Table
4/2004
AD9773 AD-AD9773 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD9773 AD-AD9773 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD9773AST AD-AD9773AST Datasheet
218Kb / 19P
   12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
REV. PrA
More results

Similar Description - AD9773BSVZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9777BSVZ AD-AD9777BSVZ Datasheet
1Mb / 60P
   16-Bit, 160 MSPS 2x/4x/8x Interpolating Dual TxDAC D/A Converter
REV. C
AD9775 AD-AD9775 Datasheet
5Mb / 48P
   14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
AD9777 AD-AD9777 Datasheet
5Mb / 48P
   16-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
AD9773 AD-AD9773 Datasheet
218Kb / 19P
   12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
REV. PrA
logo
Renesas Technology Corp
DAC1205D750 RENESAS-DAC1205D750 Datasheet
414Kb / 41P
   Dual 12-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
logo
Analog Devices
AD97651 AD-AD97651 Datasheet
472Kb / 28P
   12-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. B
AD9762 AD-AD9762 Datasheet
414Kb / 23P
   12-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9742 AD-AD9742 Datasheet
783Kb / 20P
   12-Bit, 165 MSPS TxDAC D/A Converter
REV. 0
logo
Texas Instruments
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
[Old version datasheet]   16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com