Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9773BSVZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9773BSVZ
Description  12-Bit, 160 MSPS, 2x/4x/8x Interpolating Dual TxDAC D/A Converter
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9773BSVZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9773BSVZ Datasheet HTML 7Page - Analog Devices AD9773BSVZ Datasheet HTML 8Page - Analog Devices AD9773BSVZ Datasheet HTML 9Page - Analog Devices AD9773BSVZ Datasheet HTML 10Page - Analog Devices AD9773BSVZ Datasheet HTML 11Page - Analog Devices AD9773BSVZ Datasheet HTML 12Page - Analog Devices AD9773BSVZ Datasheet HTML 13Page - Analog Devices AD9773BSVZ Datasheet HTML 14Page - Analog Devices AD9773BSVZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
AD9773
Rev. D | Page 11 of 60
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3
CLKVDD
Clock Supply Voltage.
2
LPF
PLL Loop Filter.
4, 7
CLKGND
Clock Supply Common.
5
CLK+
Differential Clock Input.
6
CLK−
Differential Clock Input.
8
DATACLK/PLL_LOCK
With the PLL enabled, this pin indicates the state of the PLL. A read of a Logic 1 indicates the
PLL is in the locked state. Logic 0 indicates the PLL has not achieved lock. This pin can also be
programmed to act as either an input or output (Address 02h, Bit 3) DATACLK signal running
at the input data rate.
9, 17, 25,
35, 44, 52
DGND
Digital Common.
10, 18, 26,
36, 43, 51
DVDD
Digital Supply Voltage.
11 to 16,
19 to 24,
P1B11 (MSB) to P1B0 (LSB)
Port 1 Data Inputs.
27 to 30,
47 to 50
NC
No Connect.
31
IQSEL/P2B11 (MSB)
In one-port mode, IQSEL = 1 followed by a rising edge of the differential input clock latches
the data into the I channel input register. IQSEL = 0 latches the data into the Q channel input
register. In two-port mode, this pin becomes the Port 2 MSB.
32
ONEPORTCLK/P2B10
With the PLL disabled and the AD9773 in one-port mode, this pin becomes a clock output
that runs at twice the input data rate of the I and Q channels. This allows the AD9773 to
accept and demux interleaved I and Q data to the I and Q input registers.
33, 34, 37 to
42, 45, 46
P2B9 to P2B0 (LSB)
Port 2 Data Inputs.
53
SPI_SDO
In the case where SDIO is an input, SDO acts as an output. When SDIO becomes an output,
SDO enters a high-Z state. This pin can also be used as an output for the data rate clock. For
more information, see the Two-Port Data Input Mode section.
54
SPI_SDIO
Bidirectional Data Pin. Data direction is controlled by Bit 7 of Register Address 00h. The
default setting for this bit is 0, which sets SDIO as an input.
55
SPI_CLK
Data input to the SPI port is registered on the rising edge of SPI_CLK. Data output on the SPI
port is registered on the falling edge.
56
SPI_CSB
Chip Select/SPI Data Synchronization. On momentary logic high, resets SPI port logic and
initializes instruction cycle.
57
RESET
Logic 1 resets all of the SPI port registers, including Address 00h, to their default values. A
software reset can also be done by writing a Logic 1 to SPI Register 00h, Bit 5. However, the
software reset has no effect on the bits in Address 00h.
58
REFIO
Reference Output, 1.2 V Nominal.
59
FSADJ2
Full-Scale Current Adjust, Q Channel.
60
FSADJ1
Full-Scale Current Adjust, I Channel.
61, 63, 65,
76, 78, 80
AVDD
Analog Supply Voltage.
62, 64, 66,
67, 70, 71,
74, 75, 77,
79
AGND
Analog Common.
68, 69
IOUTB2, IOUTA2
Differential DAC Current Outputs, Q Channel.
72, 73
IOUTB1, IOUTA1
Differential DAC Current Outputs, I Channel.


Similar Part No. - AD9773BSVZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9773 AD-AD9773 Datasheet
218Kb / 19P
   12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
REV. PrA
AD9773 AD-AD9773 Datasheet
77Kb / 1P
   Analog Devices: Data Converters: DAC 12-Bit, 10 ns to 100 ns Converters Selection Table
4/2004
AD9773 AD-AD9773 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD9773 AD-AD9773 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD9773AST AD-AD9773AST Datasheet
218Kb / 19P
   12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
REV. PrA
More results

Similar Description - AD9773BSVZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9777BSVZ AD-AD9777BSVZ Datasheet
1Mb / 60P
   16-Bit, 160 MSPS 2x/4x/8x Interpolating Dual TxDAC D/A Converter
REV. C
AD9775 AD-AD9775 Datasheet
5Mb / 48P
   14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
AD9777 AD-AD9777 Datasheet
5Mb / 48P
   16-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
AD9773 AD-AD9773 Datasheet
218Kb / 19P
   12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
REV. PrA
logo
Renesas Technology Corp
DAC1205D750 RENESAS-DAC1205D750 Datasheet
414Kb / 41P
   Dual 12-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
logo
Analog Devices
AD97651 AD-AD97651 Datasheet
472Kb / 28P
   12-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. B
AD9762 AD-AD9762 Datasheet
414Kb / 23P
   12-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9742 AD-AD9742 Datasheet
783Kb / 20P
   12-Bit, 165 MSPS TxDAC D/A Converter
REV. 0
logo
Texas Instruments
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
[Old version datasheet]   16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com