Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9786BSV Datasheet(PDF) 5 Page - Analog Devices

Part # AD9786BSV
Description  16-Bit, 200 MSPS/500 MSPS TxDAC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9786BSV Datasheet(HTML) 5 Page - Analog Devices

  AD9786BSV Datasheet HTML 1Page - Analog Devices AD9786BSV Datasheet HTML 2Page - Analog Devices AD9786BSV Datasheet HTML 3Page - Analog Devices AD9786BSV Datasheet HTML 4Page - Analog Devices AD9786BSV Datasheet HTML 5Page - Analog Devices AD9786BSV Datasheet HTML 6Page - Analog Devices AD9786BSV Datasheet HTML 7Page - Analog Devices AD9786BSV Datasheet HTML 8Page - Analog Devices AD9786BSV Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
AD9786
Rev. B | Page 5 of 56
SPECIFICATIONS
DC SPECIFICATIONS
TMIN to TMAX; AVDD1, AVDD2, DRVDD = 3.3 V; ACVDD, ADVDD, CLKVDD, DVDD = 2.5 V; IOUTFS = 20 mA, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
RESOLUTION
16
Bits
DC Accuracy1
Integral Nonlinearity
±0.6
LSB
Differential Nonlinearity
±0.3
LSB
ANALOG OUTPUT
Offset Error
±0.015
±0.0175
% of FSR
Gain Error (with Internal Reference)
±1.5
% of FSR
Full-Scale Output Current2
10
20
mA
Output Compliance Range
–1.0
+1.0
V
Output Resistance
10
REFERENCE OUTPUT
Reference Voltage
1.15
1.23
1.30
V
Reference Output Current3
1
μA
REFERENCE INPUT
Input Compliance Range
0.1
1.25
V
Reference Input Resistance (External Reference Mode)
10
Small Signal Bandwith
200
kHz
TEMPERATURE COEFFICIENTS
Unipolar Offset Drift
0
ppm of FSR/°C
Gain Drift (with Internal Reference)
±4
ppm of FSR/°C
Reference Voltage Drift
±30
ppm/°C
POWER SUPPLY
AVDD1, AVDD2
Voltage Range
3.1
3.3
3.5
V
Analog Supply Current (IAVDD1 + IAVDD2)
50
mA
IAVDD1 + IAVDD2 in Sleep Mode
18
mA
ACVDD, ADVDD
Voltage Range
2.35
2.5
2.65
V
Analog Supply Current (IACVDD + IADVDD)
2.5
mA
CLKVDD
Voltage Range
2.35
2.5
2.65
V
Clock Supply Current (ICLKVDD)
12
mA
DVDD
Voltage Range
2.35
2.5
2.65
V
Digital Supply Current (IDVDD)
52.5
mA
DRVDD
Voltage Range
3.1
3.3
3.5
V
Digital Supply Current (IDRVDD)
5.3
μA
Nominal Power Dissipation4
1.25
W
OPERATING RANGE
–40
+85
°C
1 Measured at IOUTA driving a virtual ground.
2 Nominal full-scale current, IOUTFS, is 32× the IREF current.
3 Use an external amplifier to drive any external load.
4 Measured under the following conditions: fDATA = 125 MSPS, fDAC = 500 MSPS, 4× interpolation, fDAC/4 modulation, Hilbert off.


Similar Part No. - AD9786BSV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9786BSV AD-AD9786BSV Datasheet
1Mb / 60P
   16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
REV. 0
AD9786BSVRL AD-AD9786BSVRL Datasheet
1Mb / 60P
   16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
REV. 0
More results

Similar Description - AD9786BSV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9786 AD-AD9786_15 Datasheet
1Mb / 56P
   16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9782 AD-AD9782_15 Datasheet
1Mb / 52P
   12-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9786 AD-AD9786 Datasheet
1Mb / 60P
   16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
REV. 0
AD9784 AD-AD9784 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
Rev. PrC
AD9782 AD-AD9782 Datasheet
1Mb / 52P
   12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing
Rev. PrC
AD9709 AD-AD9709_15 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC
REV. B
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9467 AD-AD9467 Datasheet
987Kb / 32P
   16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com