Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9852AST Datasheet(PDF) 8 Page - Analog Devices

Part # AD9852AST
Description  CMOS 300 MSPS Complete DDS
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852AST Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9852AST Datasheet HTML 4Page - Analog Devices AD9852AST Datasheet HTML 5Page - Analog Devices AD9852AST Datasheet HTML 6Page - Analog Devices AD9852AST Datasheet HTML 7Page - Analog Devices AD9852AST Datasheet HTML 8Page - Analog Devices AD9852AST Datasheet HTML 9Page - Analog Devices AD9852AST Datasheet HTML 10Page - Analog Devices AD9852AST Datasheet HTML 11Page - Analog Devices AD9852AST Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
AD9852
Rev. E | Page 8 of 52
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Maximum Junction Temperature
150°C
VS
4 V
Digital Inputs
−0.7 V to +VS
Digital Output Current
5 mA
Storage Temperature
−65°C to +150°C
Operating Temperature
−40°C to +85°C
Lead Temperature (Soldering, 10 sec)
300°C
Maximum Clock Frequency (ASVZ)
300 MHz
Maximum Clock Frequency (ASTZ)
200 MHz
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
The heat sink of the AD9852ASVZ 80-lead TQFP package must
be soldered to the PCB.
Table 3.
Thermal Characteristic
TQFP
LQFP
θJA (0 m/sec airflow)1, 2, 3
16.2°C/W
38°C/W
θJMA (1.0 m/sec airflow)2, 3, 4, 5
13.7°C/W
θJMA (2.5 m/sec airflow)2, 3, 4, 5
12.8°C/W
Ψ
JT
1, 2
0.3°C/W
θJC6, 7
2.0°C/W
1 Per JEDEC JESD51-2 (heat sink soldered to PCB).
2 2S2P JEDEC test board.
3 Values of
θ
JA
are provided for package comparison and PCB design
considerations.
4 Per JEDEC JESD51-6 (heat sink soldered to PCB).
5 Airflow increases heat dissipation, effectively reducing θJA. Furthermore, the
more metal that is directly in contact with the package leads from metal
traces through holes, ground, and power planes, the more θJA is reduced.
6 Per MIL-Std 883, Method 1012.1.
7 Values of
θ
JC
are provided for package comparison and PCB design
considerations when an external heat sink is required.
To determine the junction temperature on the application PCB
use the following equation:
TJ = Tcase + (ΨJT × PD)
where:
TJ is the junction temperature expressed in degrees Celsius.
Tcase is the case temperature expressed in degrees Celsius, as
measured by the user at the top center of the package.
Ψ
JT
= 0.3°C/W.
PD is the power dissipation (PD); see the Power Dissipation and
Thermal Considerations section for the method to calculate PD.
EXPLANATION OF TEST LEVELS
Table 4.
Test Level
Description
I
100% production tested.
III
Sample tested only.
IV
Parameter is guaranteed by design and
characterization testing.
V
Parameter is a typical value only.
VI
Devices are 100% production tested at 25°C and
guaranteed by design and characterization testing
for industrial operating temperature range.
ESD CAUTION


Similar Part No. - AD9852AST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9852AST AD-AD9852AST Datasheet
424Kb / 42P
   CMOS 300 MHz Complete-DDS
REV. 0
AD9852AST AD-AD9852AST Datasheet
1Mb / 52P
   CMOS 300 MSPS Complete DDS
Rev. E
AD9852ASTZ1 AD-AD9852ASTZ1 Datasheet
1Mb / 52P
   CMOS 300 MSPS Complete DDS
Rev. E
More results

Similar Description - AD9852AST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9852 AD-AD9852_15 Datasheet
1Mb / 52P
   CMOS 300 MSPS Complete DDS
Rev. E
AD9852 AD-AD9852_07 Datasheet
1Mb / 52P
   CMOS 300 MSPS Complete DDS
Rev. E
AD9854ASVZ AD-AD9854ASVZ Datasheet
1Mb / 52P
   CMOS 300 MSPS Quadrature Complete DDS
Rev. E
AD9854 AD-AD9854_15 Datasheet
1Mb / 52P
   CMOS 300 MSPS Quadrature Complete DDS
Rev. E
AD9852 AD-AD9852 Datasheet
424Kb / 42P
   CMOS 300 MHz Complete-DDS
REV. 0
AD9854 AD-AD9854 Datasheet
433Kb / 44P
   CMOS 300 MHz Quadrature Complete-DDS
REV. 0
AD9830 AD-AD9830 Datasheet
218Kb / 16P
   CMOS Complete DDS
REV. A
AD9832 AD-AD9832 Datasheet
146Kb / 16P
   CMOS Complete DDS
REV. A
AD9831 AD-AD9831 Datasheet
172Kb / 16P
   CMOS Complete DDS
REV. A
AD9835 AD-AD9835 Datasheet
160Kb / 16P
   50 MHz CMOS Complete DDS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com