Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD73311ARSZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD73311ARSZ
Description  Low Cost, Low Power CMOS General Purpose Analog Front End
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73311ARSZ Datasheet(HTML) 5 Page - Analog Devices

  AD73311ARSZ Datasheet HTML 1Page - Analog Devices AD73311ARSZ Datasheet HTML 2Page - Analog Devices AD73311ARSZ Datasheet HTML 3Page - Analog Devices AD73311ARSZ Datasheet HTML 4Page - Analog Devices AD73311ARSZ Datasheet HTML 5Page - Analog Devices AD73311ARSZ Datasheet HTML 6Page - Analog Devices AD73311ARSZ Datasheet HTML 7Page - Analog Devices AD73311ARSZ Datasheet HTML 8Page - Analog Devices AD73311ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
–5–
REV. B
AD73311
AD73311A
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DAC SPECIFICATIONS (Continued)
Power Supply Rejection
–55
dB
Input Signal Level at AVDD and DVDD
Pins: 1.0 kHz, 100 mV p-p Sine Wave
Group Delay
4, 5
25
µs
64 kHz Input Sample Rate, Interpolator
Bypassed (CRE:5 = 1)
Output DC Offset
2, 7
+30
mV
PGA = 6 dB
Minimum Load Resistance, RL
2, 8
Single-Ended
150
Differential
150
Maximum Load Capacitance, CL
2, 8
Single-Ended
500
pF
Differential
100
pF
FREQUENCY RESPONSE
(ADC AND DAC)
9 Typical Output
0 Hz
0
dB
2000 Hz
–0.1
dB
4000 Hz
–0.25
dB
8000 Hz
–0.6
dB
12000 Hz
–1.4
dB
16000 Hz
–2.8
dB
20000 Hz
–4.5
dB
Channel Frequency Response Is
24000 Hz
–7.0
dB
Programmable by Means of External
28000 Hz
–9.5
dB
Digital Filtering
> 32000 Hz
< –12.5
dB
LOGIC INPUTS
VINH, Input High Voltage
VDD – 0.8
VDD
V
VINL, Input Low Voltage
0
0.8
V
IIH, Input Current
–0.5
µA
CIN, Input Capacitance
10
pF
LOGIC OUTPUT
VOH, Output High Voltage
VDD – 0.4
VDD
V|IOUT| < 100
µA
VOL, Output Low Voltage
0
0.4
V
|IOUT| < 100
µA
Three-State Leakage Current
–0.3
µA
POWER SUPPLIES
AVDD1, AVDD2
4.5
5.5
V
DVDD
4.5
5.5
V
IDD
10
See Table II
NOTES
1Operating temperature range is as follows: –40
°C to +85°C. Therefore, T
MIN = –40
°C and T
MAX = +85
°C.
2Test conditions: Input PGA set for 0 dB gain, Output PGA set for 6 dB gain, no load on analog outputs (unless otherwise stated).
3At input to sigma-delta modulator of ADC.
4Guaranteed by design.
5Overall group delay will be affected by the sample rate and the external digital filtering.
6The ADC’s input impedance is inversely proportional to DMCLK and is approximated by: (4
× 1011)/DMCLK.
7Between VOUTP and VOUTN.
8At VOUT output.
9Frequency responses of ADC and DAC measured with input at audio reference level (the input level that produces an output level of –10 dBm0), with 38 dB preamplifier
bypassed and input gain of 0 dB.
10Test conditions: no load on digital inputs, analog inputs ac coupled to ground, no load on analog outputs.
Specifications subject to change without notice.


Similar Part No. - AD73311ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73311ARS AD-AD73311ARS Datasheet
334Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results

Similar Description - AD73311ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311 AD-AD73311_15 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311L AD-AD73311L_15 Datasheet
381Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311 AD-AD73311 Datasheet
334Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com