Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD73360ARZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD73360ARZ
Description  Six-Input Channel Analog Front End
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73360ARZ Datasheet(HTML) 5 Page - Analog Devices

  AD73360ARZ Datasheet HTML 1Page - Analog Devices AD73360ARZ Datasheet HTML 2Page - Analog Devices AD73360ARZ Datasheet HTML 3Page - Analog Devices AD73360ARZ Datasheet HTML 4Page - Analog Devices AD73360ARZ Datasheet HTML 5Page - Analog Devices AD73360ARZ Datasheet HTML 6Page - Analog Devices AD73360ARZ Datasheet HTML 7Page - Analog Devices AD73360ARZ Datasheet HTML 8Page - Analog Devices AD73360ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
REV. A
–5–
AD73360
AD73360A
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS
VINH, Input High Voltage
VDD – 0.8
VDD
V
VINL, Input Low Voltage
0
0.8
V
IIH, Input Current
–0.5
µA
CIN, Input Capacitance
10
pF
LOGIC OUTPUTS
VOH, Output High Voltage
VDD – 0.4
VDD
V
|IOUT|
≤ 100 µA
VOL, Output Low Voltage
0
0.4
V
|IOUT|
≤ 100 µA
Three-State Leakage Current
–0.3
µA
POWER SUPPLIES
AVDD1, AVDD2
4.5
5.5
V
DVDD
4.5
5.5
V
IDD
8
See Table II
NOTES
1Operating temperature range is as follows: –40
°C to +85°C. Therefore, T
MIN = –40
°C and T
MAX = +85
°C.
2Test conditions: Input PGA set for 0 dB gain (unless otherwise noted).
3At input to sigma-delta modulator of ADC.
4Guaranteed by design.
5Overall group delay will be affected by the sample rate and the external digital filtering.
6The ADC’s input impedance is inversely proportional to DMCLK and is approximated by: (4
× 1011)/DMCLK.
7Frequency response of ADC measured with input at audio reference level (the input level that produces an output level of –10 dBm0), with 38 dB preamplifier
bypassed and input gain of 0 dB.
8Test Conditions: no load on digital inputs, analog inputs ac coupled to ground.
Specifications subject to change without notice.
Table II. Current Summary (AVDD = DVDD = 5.5 V)
Total
Analog
Digital
Current
MCLK
Conditions
Current
Current
(Typ)
SE
ON
Comments
ADCs Only On
16
16
32
1
YES
REFOUT Disabled
REFCAP Only On
0.8
0
0.8
0
NO
REFOUT Disabled
REFCAP and
REFOUT Only On
3.5
0
3.5
0
NO
All Sections Off
0.1
1.9
2.0
0
YES
MCLK Active Levels Equal to 0 V and DVDD
All Sections Off
0
0.05
0.06
0
NO
Digital Inputs Static and Equal to 0 V or DVDD
The above values are in mA and are typical values unless otherwise noted.
Table III. Signal Ranges
3 V Power Supply
5 V Power Supply
5VEN = 0
5VEN = 0
5VEN = 1
VREFCAP
1.25 V
± 10%
1.25 V
2.5 V
VREFOUT
1.25 V
± 10%
1.25 V
2.5 V
ADC
Maximum Input Range at VIN
1.64375 V p-p
1.64375 V p-p
3.2875 V p-p
Nominal Reference Level
1.1413 V p-p
1.1413 V p-p
2.2823 V p-p


Similar Part No. - AD73360ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73360ARZ AD-AD73360ARZ Datasheet
377Kb / 36P
   Six-input Channel Analog Front End
AD73360ARZ-REEL AD-AD73360ARZ-REEL Datasheet
377Kb / 36P
   Six-input Channel Analog Front End
AD73360ARZ-REEL7 AD-AD73360ARZ-REEL7 Datasheet
377Kb / 36P
   Six-input Channel Analog Front End
More results

Similar Description - AD73360ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73360 AD-AD73360 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_15 Datasheet
271Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360L AD-AD73360L Datasheet
287Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73460 AD-AD73460_15 Datasheet
597Kb / 32P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_17 Datasheet
302Kb / 33P
   Six-Input Channel Analog Front End
AD73360LARZ AD-AD73360LARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360_17 Datasheet
377Kb / 36P
   Six-input Channel Analog Front End
AD73460 AD-AD73460 Datasheet
290Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360 AD-AD73360_15 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
logo
Microchip Technology
MCP3913 MICROCHIP-MCP3913 Datasheet
2Mb / 82P
   3V Six-Channel Analog Front End
08/20/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com