Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD22293ZA Datasheet(PDF) 7 Page - Analog Devices

Part # AD22293ZA
Description  Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22293ZA Datasheet(HTML) 7 Page - Analog Devices

Back Button AD22293ZA Datasheet HTML 3Page - Analog Devices AD22293ZA Datasheet HTML 4Page - Analog Devices AD22293ZA Datasheet HTML 5Page - Analog Devices AD22293ZA Datasheet HTML 6Page - Analog Devices AD22293ZA Datasheet HTML 7Page - Analog Devices AD22293ZA Datasheet HTML 8Page - Analog Devices AD22293ZA Datasheet HTML 9Page - Analog Devices AD22293ZA Datasheet HTML 10Page - Analog Devices AD22293ZA Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADXL103/ADXL203
Rev. D | Page 7 of 16
TEMPERATURE (°C)
2.40
2.60
2.58
2.56
2.54
2.52
2.50
2.48
2.46
2.44
2.42
Figure 11. Zero g Bias vs. Temperature; Parts Soldered to PCB
X AXIS NOISE DENSITY (mg/√Hz)
0
40
35
30
25
20
15
10
5
45
50
150
140
130
120
110
100
90
80
70
60
Figure 12. X-Axis Noise Density at 25°C
TEMPERATURE (°C)
0.97
1.00
0.99
0.98
1.02
1.01
1.03
Figure 13. Sensitivity vs. Temperature; Parts Soldered to PCB
Y AXIS NOISE DENSITY (mg/√Hz)
0
40
35
30
25
20
15
10
5
45
50
150
140
130
120
110
100
90
80
70
60
Figure 14. Y-Axis Noise Density at 25°C


Similar Part No. - AD22293ZA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22293Z AD-AD22293Z Datasheet
618Kb / 16P
   Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
REV. D
More results

Similar Description - AD22293ZA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
   Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
logo
CRYSTEK CORPORATION
CCESMA-MM-SS402-12 CRYSTEKMICROWAVE-CCESMA-MM-SS402-12 Datasheet
935Kb / 1P
   SS402 50 Ohm 18G Hz Precision Coaxial Cables
logo
Analog Devices
ADXL103 AD-ADXL103 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
AD22301 AD-AD22301 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
logo
Suzhou Maswell Communic...
AN_MASTER_003 MASWELL-AN_MASTER_003 Datasheet
430Kb / 3P
   5G Antenna
logo
JL World Company Limite...
MTX2-02G JLWORLD-MTX2-02G Datasheet
720Kb / 4P
   Dual Axis Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com