Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG811YRU-REEL7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG811YRU-REEL7
Description  0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG811YRU-REEL7 Datasheet(HTML) 1 Page - Analog Devices

  ADG811YRU-REEL7 Datasheet HTML 1Page - Analog Devices ADG811YRU-REEL7 Datasheet HTML 2Page - Analog Devices ADG811YRU-REEL7 Datasheet HTML 3Page - Analog Devices ADG811YRU-REEL7 Datasheet HTML 4Page - Analog Devices ADG811YRU-REEL7 Datasheet HTML 5Page - Analog Devices ADG811YRU-REEL7 Datasheet HTML 6Page - Analog Devices ADG811YRU-REEL7 Datasheet HTML 7Page - Analog Devices ADG811YRU-REEL7 Datasheet HTML 8Page - Analog Devices ADG811YRU-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
<0.5 Ω CMOS, 1.65 V to 3.6 V,
Quad SPST Switches
ADG811/ADG812/ADG813
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2009 Analog Devices, Inc. All rights reserved.
FEATURES
0.5 Ω typical on resistance
0.8 Ω maximum on resistance at 125°C
1.65 V to 3.6 V operation
Automotive temperature range: −40°C to +125°C
High current carrying capability: 300 mA continuous
Rail-to-rail switching operation
Fast switching times: <25 ns
Typical power consumption <0.1 μW
APPLICATIONS
Cellular phones
MP3 players
Power routing
Battery-powered systems
PCMCIA cards
Modems
Audio and video signal routing
Communications systems
GENERAL DESCRIPTION
The ADG811/ADG812/ADG813 are low voltage CMOS devices
containing four independently selectable switches. These switches
offer ultralow on resistance of less than 0.8 Ω over the full
temperature range. The digital inputs can handle 1.8 V logic
with a 2.7 V to 3.6 V supply.
These devices contain four independent single-pole/single-
throw (SPST) switches. The ADG811 and ADG812 differ only
in that the digital control logic is inverted. The ADG811
switches are turned on with a logic low on the appropriate
control input, while a logic high is required to turn on the
switches of the ADG812. The ADG813 contains two switches
whose digital control logic is similar to the ADG811, while the
logic is inverted on the other two switches.
Each switch conducts equally well in both directions when on
and has an input signal range that extends to the supplies. The
ADG813 exhibits break-before-make switching action.
The ADG811/ADG812/ADG813 are fully specified for 3.3 V,
2.5 V, and 1.8 V supply operation. The ADG811 is available in a
16-lead TSSOP package and a 16-lead LFCSP package, and the
ADG812/ADG813 are available in a 16-lead TSSOP package.
FUNCTIONAL BLOCK DIAGRAMS
S1
D1
S2
D2
S3
D3
S4
D4
IN1
IN2
IN3
IN4
ADG811
SWITCHES SHOWN FOR A LOGIC 1 INPUT
S1
D1
S2
D2
S3
D3
S4
D4
IN1
IN2
IN3
IN4
ADG812
S1
D1
S2
D2
S3
D3
S4
D4
IN1
IN2
IN3
IN4
ADG813
Figure 1.
PRODUCT HIGHLIGHTS
1.
<0.8 Ω over full temperature range of −40°C to +125°C.
2.
Single 1.65 V to 3.6 V operation.
3.
Operational with 1.8 V CMOS logic.
4.
High current handling capability (300 mA continuous
current at 3.3 V).
5.
Low THD + N (0.02% typical).
6.
Small 3 mm × 3 mm LFCSP package and 16-lead TSSOP
package.


Similar Part No. - ADG811YRU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG811YRU-REEL7 AD-ADG811YRU-REEL7 Datasheet
392Kb / 16P
   0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
REV. A
More results

Similar Description - ADG811YRU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG811 AD-ADG811 Datasheet
392Kb / 16P
   0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
REV. A
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   <0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG841 AD-ADG841 Datasheet
552Kb / 16P
   0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
REV. 0
ADG901 AD-ADG901_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG804 AD-ADG804_11 Datasheet
253Kb / 16P
   0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
   CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG804 AD-ADG804 Datasheet
157Kb / 16P
   0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. 0
logo
Vishay Siliconix
DG2718 VISHAY-DG2718 Datasheet
116Kb / 7P
   0.45- CMOS, 1.65-V to 3.6-V, Dual DPDT Analog Switch
Rev. B, 17-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com