Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG821BRM-REEL Datasheet(PDF) 3 Page - Analog Devices

Part # ADG821BRM-REEL
Description  1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG821BRM-REEL Datasheet(HTML) 3 Page - Analog Devices

  ADG821BRM-REEL Datasheet HTML 1Page - Analog Devices ADG821BRM-REEL Datasheet HTML 2Page - Analog Devices ADG821BRM-REEL Datasheet HTML 3Page - Analog Devices ADG821BRM-REEL Datasheet HTML 4Page - Analog Devices ADG821BRM-REEL Datasheet HTML 5Page - Analog Devices ADG821BRM-REEL Datasheet HTML 6Page - Analog Devices ADG821BRM-REEL Datasheet HTML 7Page - Analog Devices ADG821BRM-REEL Datasheet HTML 8Page - Analog Devices ADG821BRM-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADG821/ADG822/ADG823
Rev. A | Page 3 of 12
SPECIFICATIONS
VDD = 5 V ± 10%, GND = 0 V; TA = −40°C to +125°C, unless otherwise noted.
Table 1.
Parameter
25°C
−40°C to
+85°C
−40°C to
+125°C1
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
0.5
Ω typ
VS = 0 V to VDD, IS = 100 mA, see Figure 17
0.6
0.7
0.8
Ω max
On Resistance Match Between
0.16
Ω typ
VS = 0 V to VDD, IS = 100 mA
Channels (ΔRON)
0.2
0.25
0.28
Ω max
On Resistance Flatness (RFLAT(ON))
0.15
Ω typ
VS = 0 V to VDD, IS = 100 mA
0.23
0.26
0.3
Ω max
LEAKAGE CURRENTS
VDD = 5.5 V
Source Off Leakage, IS (Off )
±0.01
nA typ
VS = 4.5 V/1 V, VD = 1 V/4.5 V, see Figure 18
±0.25
±3
±25
nA max
Drain Off Leakage, ID (Off )
±0.01
nA typ
VS = 4.5 V/1 V, VD = 1 V/4.5 V, see Figure 18
±0.25
±3
±25
nA max
Channel On Leakage, ID, IS (On)
±0.01
nA typ
VS = VD = 1 V, or VS = VD = 4.5 V, see Figure 19
±0.25
±3
±25
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±0.1
μA max
Digital Input Capacitance, CIN
4
pF typ
DYNAMIC CHARACTERISTICS2
tON
33
ns typ
RL = 50 Ω, CL = 35 pF, VS = 3 V, see Figure 20
45
48
52
ns max
tOFF
11
ns typ
RL = 50 Ω, CL = 35 pF, VS = 3 V, see Figure 20
16
19
21
ns max
Break-Before-Make Time Delay, tBBM
32
ns typ
RL = 50 Ω, CL = 35 pF, VS1 = VS2 = 3 V,
(ADG823 Only)
1
ns min
see Figure 21
Charge Injection
15
pC typ
VS = 2.5 V; RS = 0 Ω, CL = 1 nF, see Figure 22
Off Isolation
−52
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 23
Channel-to-Channel Crosstalk
−82
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 24
Bandwidth −3 dB
24
MHz typ
RL = 50 Ω, CL = 5 pF, see Figure 25
CS (Off )
85
pF typ
f = 1 MHz
CD (Off )
98
pF typ
f = 1 MHz
CD, CS (On)
230
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 5.5 V, digital inputs = 0 V or 5.5 V
IDD
0.001
μA typ
1.0
2.0
μA max
1 On resistance parameters tested with IS = 10 mA.
2 Guaranteed by design, not subject to production test.


Similar Part No. - ADG821BRM-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG821BRM AD-ADG821BRM Datasheet
333Kb / 12P
   <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV. 0
More results

Similar Description - ADG821BRM-REEL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54501 INTERSIL-ISL54501 Datasheet
335Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPST Analog Switches
logo
Renesas Technology Corp
ISL54504 RENESAS-ISL54504 Datasheet
619Kb / 12P
   1.8V to 5.5V, 2.5W, Single SPST Analog Switches
logo
Intersil Corporation
ISL54504 INTERSIL-ISL54504 Datasheet
334Kb / 12P
   1.8V to 5.5V, 2.5OHM, Single SPST Analog Switches
ISL54063 INTERSIL-ISL54063 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST
logo
Analog Devices
ADG819BRMZ AD-ADG819BRMZ Datasheet
239Kb / 16P
   0.5 ohm, CMOS, 1.8V to 5.5V, 2:1 Mux/SPDT Switch
REV. A
ADG721 AD-ADG721 Datasheet
204Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPST Switches
REV. 0
ADG821 AD-ADG821 Datasheet
333Kb / 12P
   <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV. 0
ADG621 AD-ADG621 Datasheet
141Kb / 12P
   CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
REV. 0
ADG801 AD-ADG801 Datasheet
76Kb / 9P
   <0.5 ohm CMOS, Low Voltage, SPST Switches
REV. PrE Jan ??2
ADG701L AD-ADG701L Datasheet
598Kb / 12P
   CMOS Low Voltage 2 OHM SPST Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com