Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG836YRM-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # ADG836YRM-REEL
Description  0.5 ohm CMOS 1.65V TO 3.6V Dual SPDT/2:1 MUX
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG836YRM-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG836YRM-REEL Datasheet HTML 6Page - Analog Devices ADG836YRM-REEL Datasheet HTML 7Page - Analog Devices ADG836YRM-REEL Datasheet HTML 8Page - Analog Devices ADG836YRM-REEL Datasheet HTML 9Page - Analog Devices ADG836YRM-REEL Datasheet HTML 10Page - Analog Devices ADG836YRM-REEL Datasheet HTML 11Page - Analog Devices ADG836YRM-REEL Datasheet HTML 12Page - Analog Devices ADG836YRM-REEL Datasheet HTML 13Page - Analog Devices ADG836YRM-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADG836
Rev. A | Page 10 of 16
–80
–70
–60
–50
–40
–30
–20
–10
0
0.01
0.1
1
10
100
1000
FREQUENCY (MHz)
TA = 25°C
VCC = 3.3V/2.5V/1.8V
Figure 16. Off Isolation vs. Frequency
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
S1A–S1B
S1A–S2A
0.01
0.1
1
10
100
1000
FREQUENCY (MHz)
VCC = 3.3V/2.5V/1.8V
TA = 25°C
Figure 17. Crosstalk vs. Frequency
0.10
0
0.02
0.04
0.06
0.08
20
20k
100
50
200
1k
500
2k
10k
5k
FREQUENCY (Hz)
VDD = 2.5V
TA = 25°C
S1A–D1
32V LOAD
1.5V p-p
Figure 18. Total Harmonic Distortion + Noise


Similar Part No. - ADG836YRM-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG836YRM-REEL AD-ADG836YRM-REEL Datasheet
652Kb / 12P
   0.5CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. 0
ADG836YRM-REEL7 AD-ADG836YRM-REEL7 Datasheet
652Kb / 12P
   0.5CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. 0
More results

Similar Description - ADG836YRM-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG819BRMZ AD-ADG819BRMZ Datasheet
239Kb / 16P
   0.5 ohm, CMOS, 1.8V to 5.5V, 2:1 Mux/SPDT Switch
REV. A
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
EVAL-ADG884EBZ AD-EVAL-ADG884EBZ Datasheet
304Kb / 16P
   0.5 廓 CMOS, Dual 2:1 MUX/SPDT Audio Switch
REV. D
ADG849YKSZ-500RL7 AD-ADG849YKSZ-500RL7 Datasheet
348Kb / 12P
   3 V/5 V CMOS 0.5 ohm SPDT/2:1 Mux in SC70
REV. 0
logo
Potato Semiconductor Co...
PO3B33257A POTATO-PO3B33257A Datasheet
952Kb / 6P
   1.65v-3.6v, 24 to 12 Mux/DeMux
PO3B33257A POTATO-PO3B33257A_14 Datasheet
1Mb / 5P
   1.65v-3.6v, 24 to 12 Mux/DeMux
logo
Analog Devices
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com