Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG836YRM-REEL7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG836YRM-REEL7
Description  0.5 ohm CMOS 1.65V TO 3.6V Dual SPDT/2:1 MUX
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG836YRM-REEL7 Datasheet(HTML) 3 Page - Analog Devices

  ADG836YRM-REEL7 Datasheet HTML 1Page - Analog Devices ADG836YRM-REEL7 Datasheet HTML 2Page - Analog Devices ADG836YRM-REEL7 Datasheet HTML 3Page - Analog Devices ADG836YRM-REEL7 Datasheet HTML 4Page - Analog Devices ADG836YRM-REEL7 Datasheet HTML 5Page - Analog Devices ADG836YRM-REEL7 Datasheet HTML 6Page - Analog Devices ADG836YRM-REEL7 Datasheet HTML 7Page - Analog Devices ADG836YRM-REEL7 Datasheet HTML 8Page - Analog Devices ADG836YRM-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADG836
Rev. A | Page 3 of 16
SPECIFICATIONS
VDD = 2.7 V to 3.6 V, GND = 0 V, unless otherwise noted.
Table 1.
Temperature1
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
0.5
Ω typ
VDD = 2.7 V, VS = 0 V to VDD, IS = 100 mA;
0.65
0.75
0.8
Ω max
Figure 19
On Resistance Match
0.04
Ω typ
VDD = 2.7 V, VS = 0.65 V, IS = 100 mA
Between Channels (∆RON)
0.075
0.08
Ω max
On Resistance Flatness (RFLAT (ON))
0.1
Ω typ
VDD = 2.7 V, VS = 0 V to VDD
0.15
0.16
Ω max
IS = 100 mA
LEAKAGE CURRENTS
VDD = 3.6 V
Source Off Leakage IS (OFF)
±0.2
nA typ
VS = 0.6 V/3.3 V, VD = 3.3 V/0.6 V;
Figure 20
Channel On Leakage ID, IS (ON)
±0.2
nA typ
VS = VD = 0.6 V or 3.3 V; Figure 21
DIGITAL INPUTS
Input High Voltage, VINH
2
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.1
µA max
CIN, Digital Input Capacitance
4
pF typ
DYNAMIC CHARACTERISTICS2
tON
21
ns typ
RL = 50 Ω, CL = 35 pF
26
28
29
ns max
VS = 1.5 V/0 V; Figure 22
tOFF
4
ns typ
RL = 50 Ω, CL = 35 pF
7
8
9
ns max
VS = 1.5 V; Figure 22
Break-Before-Make Time Delay
17
ns typ
RL = 50 Ω, CL = 35 pF
(tBBM)
5
ns min
VS1 = VS2 = 1.5 V; Figure 23
Charge Injection
40
pC typ
VS = 1.5 V, RS = 0 Ω, CL = 1 nF; Figure 24
Off Isolation
−67
dB typ
RL = 50 Ω, CL = 5 pF, f = 100 kHz;
Figure 25
Channel-to-Channel Crosstalk
−90
dB typ
S1A−S2A/S1B−S2B, RL = 50 Ω,
CL = 5 pF, f = 100 kHz; Figure 28
−67
dB typ
S1A−S1B/S2A−S2B, RL = 50 Ω,
CL = 5 pF, f = 100 kHz; Figure 27
Total Harmonic Distortion (THD + N)
0.02
%
RL = 32 Ω, f = 20 Hz to 20 kHz,
VS = 2 V p-p
Insertion Loss
−0.05
dB typ
RL = 50 Ω, CL = 5 pF; Figure 26
−3 dB Bandwidth
57
MHz typ
RL = 50 Ω, CL = 5 pF; Figure 26
CS (OFF)
25
pF typ
CD, CS (ON)
75
pF typ
POWER REQUIREMENTS
VDD = 3.6 V
IDD
0.003
µA typ
Digital inputs = 0 V or 3.6 V
1
4
µA max
1 Temperature range for Y version is −40°C to +125°C.
2 Guaranteed by design, not subject to production test.


Similar Part No. - ADG836YRM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG836YRM-REEL7 AD-ADG836YRM-REEL7 Datasheet
652Kb / 12P
   0.5CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. 0
More results

Similar Description - ADG836YRM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG819BRMZ AD-ADG819BRMZ Datasheet
239Kb / 16P
   0.5 ohm, CMOS, 1.8V to 5.5V, 2:1 Mux/SPDT Switch
REV. A
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
EVAL-ADG884EBZ AD-EVAL-ADG884EBZ Datasheet
304Kb / 16P
   0.5 廓 CMOS, Dual 2:1 MUX/SPDT Audio Switch
REV. D
ADG849YKSZ-500RL7 AD-ADG849YKSZ-500RL7 Datasheet
348Kb / 12P
   3 V/5 V CMOS 0.5 ohm SPDT/2:1 Mux in SC70
REV. 0
logo
Potato Semiconductor Co...
PO3B33257A POTATO-PO3B33257A Datasheet
952Kb / 6P
   1.65v-3.6v, 24 to 12 Mux/DeMux
PO3B33257A POTATO-PO3B33257A_14 Datasheet
1Mb / 5P
   1.65v-3.6v, 24 to 12 Mux/DeMux
logo
Analog Devices
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com