Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG819BRT-REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG819BRT-REEL7
Description  0.5 ohm, CMOS, 1.8V to 5.5V, 2:1 Mux/SPDT Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG819BRT-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG819BRT-REEL7 Datasheet HTML 4Page - Analog Devices ADG819BRT-REEL7 Datasheet HTML 5Page - Analog Devices ADG819BRT-REEL7 Datasheet HTML 6Page - Analog Devices ADG819BRT-REEL7 Datasheet HTML 7Page - Analog Devices ADG819BRT-REEL7 Datasheet HTML 8Page - Analog Devices ADG819BRT-REEL7 Datasheet HTML 9Page - Analog Devices ADG819BRT-REEL7 Datasheet HTML 10Page - Analog Devices ADG819BRT-REEL7 Datasheet HTML 11Page - Analog Devices ADG819BRT-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADG819
Data Sheet
Rev. A | Page 8 of 16
Figure 11. Charge Injection vs. VS (Source Voltage)
Figure 12. Off Isolation vs. Frequency
Figure 13. Crosstalk vs. Frequency
Figure 14. On Response vs. Frequency
Figure 15. Logic Threshold Voltage vs. Supply Voltage
250
200
150
VDD = 3V
VDD = 5V
100
50
0
–50
–100
–150
–200
0
VS (V)
TA = 25°C
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
0.1
1
2
FREQUENCY (MHz)
VDD = 5V, 3V
TA= 25°C
0.1
1
2
FREQUENCY (MHz)
0
–20
–50
–70
–80
–90
–10
–30
–40
–60
1
0
0.2
10
1
30
VDD = 3V, 5V
TA = 25 C
–1
–2
–3
–4
–5
–6
FREQUENCY (MHz)
1.8
RISING
FALLING
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
VDD (V)
TA = 25°C
0
1
2
3
4
6
5


Similar Part No. - ADG819BRT-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG819BRT AD-ADG819BRT Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819BRT AD-ADG819BRT Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
More results

Similar Description - ADG819BRT-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG836YRMZ AD-ADG836YRMZ Datasheet
563Kb / 16P
   0.5 ohm CMOS 1.65V TO 3.6V Dual SPDT/2:1 MUX
REV. A
EVAL-ADG884EBZ AD-EVAL-ADG884EBZ Datasheet
304Kb / 16P
   0.5 廓 CMOS, Dual 2:1 MUX/SPDT Audio Switch
REV. D
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG849YKSZ-500RL7 AD-ADG849YKSZ-500RL7 Datasheet
348Kb / 12P
   3 V/5 V CMOS 0.5 ohm SPDT/2:1 Mux in SC70
REV. 0
ADG823BRMZ AD-ADG823BRMZ Datasheet
215Kb / 12P
   1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
ADG839 AD-ADG839 Datasheet
436Kb / 16P
   0.35 ohm CMOS 1.65 V to 3.6 V Single SPDT Switch/2:1 MUX
REV. 0
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
logo
Intersil Corporation
ISL54500 INTERSIL-ISL54500 Datasheet
379Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPDT Analog Switch
ISL54503 INTERSIL-ISL54503 Datasheet
356Kb / 13P
   1.8V to 5.5V, 2.5OHM, Single SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com