Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG823BRM Datasheet(PDF) 1 Page - Analog Devices

Part # ADG823BRM
Description  1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG823BRM Datasheet(HTML) 1 Page - Analog Devices

  ADG823BRM Datasheet HTML 1Page - Analog Devices ADG823BRM Datasheet HTML 2Page - Analog Devices ADG823BRM Datasheet HTML 3Page - Analog Devices ADG823BRM Datasheet HTML 4Page - Analog Devices ADG823BRM Datasheet HTML 5Page - Analog Devices ADG823BRM Datasheet HTML 6Page - Analog Devices ADG823BRM Datasheet HTML 7Page - Analog Devices ADG823BRM Datasheet HTML 8Page - Analog Devices ADG823BRM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
<1 Ω CMOS, 1.8 V to 5.5 V,
Dual SPST Switches
ADG821/ADG822/ADG823
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2008 Analog Devices, Inc. All rights reserved.
FEATURES
0.8 Ω maximum on resistance @ 125°C
0.3 Ω maximum on resistance flatness @ 125°C
1.8 V to 5.5 V single supply
200 mA current carrying capability
Automotive temperature range: −40°C to +125°C
Rail-to-rail operation
8-lead MSOP
33 ns switching times
Typical power consumption: <0.01 μW
TTL-/CMOS-compatible inputs
Pin-compatible with the ADG721/ADG722/ADG723
APPLICATIONS
Power routing
Battery-powered systems
Communication systems
Data acquisition systems
Audio and video signal routing
Cellular phones
Modems
PCMCIA cards
Hard drives
Relay replacement
FUNCTIONAL BLOCK DIAGRAMS
ADG821
SWITCHES SHOWN FOR
A LOGIC 0 INPUT.
IN1
S1
D1
IN2
S2
D2
ADG822
SWITCHES SHOWN FOR
A LOGIC 0 INPUT.
IN1
S1
D1
IN2
S2
D2
Figure 1.
Figure 2.
ADG823
SWITCHES SHOWN FOR
A LOGIC 0 INPUT.
IN1
S1
D1
IN2
S2
D2
Figure 3.
GENERAL DESCRIPTION
The ADG821/ADG822/ADG823 are monolithic CMOS single-
pole, single-throw (SPST) switches. These switches are designed
on an advanced submicron process that provides low power
dissipation, yet gives high switching speed, low on resistance,
and low leakage currents.
The ADG821/ADG822/ADG823 are designed to operate from
a single 1.8 V to 5.5 V supply, making them ideal for use in
battery-powered instruments.
Each switch of the ADG821/ADG822/ADG823 conducts
equally well in both directions when on. The ADG821/
ADG822/ADG823 contain two independent SPST switches.
The ADG821 and ADG822 differ only in that both switches are
normally open and normally closed, respectively. In the ADG823,
Switch 1 is normally open and Switch 2 is normally closed. The
ADG823 exhibits break-before-make switching action.
The ADG821/ADG822/ADG823 are available in an
8-lead MSOP.
PRODUCT HIGHLIGHTS
1.
Very Low On Resistance: 0.5 Ω typ.
2.
On Resistance Flatness (RFLAT(ON)): 0.15 Ω typ.
3.
Automotive Temperature Range: −40°C to +125°C.
4.
Current Carrying Capability: 200 mA.
5.
Low Power Dissipation. CMOS construction ensures low
power dissipation.
6.
8-Lead MSOP.


Similar Part No. - ADG823BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG823BRM AD-ADG823BRM Datasheet
333Kb / 12P
   <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV. 0
More results

Similar Description - ADG823BRM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54501 INTERSIL-ISL54501 Datasheet
335Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPST Analog Switches
logo
Renesas Technology Corp
ISL54504 RENESAS-ISL54504 Datasheet
619Kb / 12P
   1.8V to 5.5V, 2.5W, Single SPST Analog Switches
logo
Intersil Corporation
ISL54504 INTERSIL-ISL54504 Datasheet
334Kb / 12P
   1.8V to 5.5V, 2.5OHM, Single SPST Analog Switches
ISL54063 INTERSIL-ISL54063 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST
logo
Analog Devices
ADG819BRMZ AD-ADG819BRMZ Datasheet
239Kb / 16P
   0.5 ohm, CMOS, 1.8V to 5.5V, 2:1 Mux/SPDT Switch
REV. A
ADG721 AD-ADG721 Datasheet
204Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPST Switches
REV. 0
ADG821 AD-ADG821 Datasheet
333Kb / 12P
   <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV. 0
ADG621 AD-ADG621 Datasheet
141Kb / 12P
   CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
REV. 0
ADG801 AD-ADG801 Datasheet
76Kb / 9P
   <0.5 ohm CMOS, Low Voltage, SPST Switches
REV. PrE Jan ??2
ADG701L AD-ADG701L Datasheet
598Kb / 12P
   CMOS Low Voltage 2 OHM SPST Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com