Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1066ACPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADM1066ACPZ
Description  Super Sequencer with Margining Control and Auxiliary ADC Inputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1066ACPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM1066ACPZ Datasheet HTML 3Page - Analog Devices ADM1066ACPZ Datasheet HTML 4Page - Analog Devices ADM1066ACPZ Datasheet HTML 5Page - Analog Devices ADM1066ACPZ Datasheet HTML 6Page - Analog Devices ADM1066ACPZ Datasheet HTML 7Page - Analog Devices ADM1066ACPZ Datasheet HTML 8Page - Analog Devices ADM1066ACPZ Datasheet HTML 9Page - Analog Devices ADM1066ACPZ Datasheet HTML 10Page - Analog Devices ADM1066ACPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ADM1066
Rev. E | Page 7 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIGITAL INPUTS (VXx, A0, A1)
Input High Voltage, VIH
2.0
V
Maximum VIN = 5.5 V
Input Low Voltage, VIL
0.8
V
Maximum VIN = 5.5 V
Input High Current, IIH
−1
μA
VIN = 5.5 V
Input Low Current, IIL
1
μA
VIN = 0 V
Input Capacitance
5
pF
Programmable Pull-Down
Current, IPULL-DOWN
20
μA
VDDCAP = 4.75 V, TA = 25°C, if known logic state is required
SERIAL BUS DIGITAL INPUTS
(SDA, SCL)
Input High Voltage, VIH
2.0
V
Input Low Voltage, VIL
0.8
V
Output Low Voltage, VOL2
0.4
V
IOUT = −3.0 mA
SERIAL BUS TIMING3
Clock Frequency, fSCLK
400
kHz
Bus Free Time, tBUF
1.3
μs
Start Setup Time, tSU;STA
0.6
μs
Stop Setup Time, tSU;STO
0.6
μs
Start Hold Time, tHD;STA
0.6
μs
SCL Low Time, tLOW
1.3
μs
SCL High Time, tHIGH
0.6
μs
SCL, SDA Rise Time, tR
300
ns
SCL, SDA Fall Time, tF
300
ns
Data Setup Time, tSU;DAT
100
ns
Data Hold Time, tHD;DAT
5
ns
Input Low Current, IIL
1
μA
VIN = 0 V
SEQUENCING ENGINE TIMING
State Change Time
10
μs
1 At least one of the VH, VPx pins must be ≥3.0 V to maintain the device supply on VDDCAP.
2 Specification is not production tested but is supported by characterization data at initial product release.
3 Timing specifications are guaranteed by design and supported by characterization data.


Similar Part No. - ADM1066ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1066ACP AD-ADM1066ACP Datasheet
861Kb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
REV. 0
ADM1066ACP-REEL AD-ADM1066ACP-REEL Datasheet
861Kb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
REV. 0
ADM1066ACP-REEL7 AD-ADM1066ACP-REEL7 Datasheet
861Kb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
REV. 0
ADM1066ACP-U3 AD-ADM1066ACP-U3 Datasheet
861Kb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
REV. 0
More results

Similar Description - ADM1066ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1066 AD-ADM1066_15 Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1069 AD-ADM1069 Datasheet
829Kb / 32P
   SUPER SEQUENCER-TM WITH MARGINING CONTROL AND AUXILIARY ADC INPUTS
Rev. PrB
ADM1066 AD-ADM1066 Datasheet
861Kb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
REV. 0
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1062 AD-ADM1062_15 Datasheet
623Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1169 AD-ADM1169 Datasheet
511Kb / 33P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
ADM1166ACPZ AD-ADM1166ACPZ Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com