Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM13307-33ARZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADM13307-33ARZ
Description  Triple Processor Supervisors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM13307-33ARZ Datasheet(HTML) 3 Page - Analog Devices

  ADM13307-33ARZ Datasheet HTML 1Page - Analog Devices ADM13307-33ARZ Datasheet HTML 2Page - Analog Devices ADM13307-33ARZ Datasheet HTML 3Page - Analog Devices ADM13307-33ARZ Datasheet HTML 4Page - Analog Devices ADM13307-33ARZ Datasheet HTML 5Page - Analog Devices ADM13307-33ARZ Datasheet HTML 6Page - Analog Devices ADM13307-33ARZ Datasheet HTML 7Page - Analog Devices ADM13307-33ARZ Datasheet HTML 8Page - Analog Devices ADM13307-33ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADM13307
Rev. 0 | Page 3 of 12
SPECIFICATIONS
VDD = 2.0 V to 5.5 V, −40°C ≤ TA ≤ +85°C, unless otherwise noted.
Table 1. ADM13307-18, ADM13307-25, and ADM13307-33
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OPERATING VOLTAGE RANGE, VDD
2.0
5.5
V
SUPPLY CURRENT, IDD
40
μA
INPUT CAPACITANCE, CI
10
pF
VI = 0 V to VDD
RESET, RESET Output
High Level Output Voltage, VOH
VDD − 0.2
V
IOH = −20 μA
VDD − 0.4
V
IOH = −2 mA, VDD = 3.3 V
VDD − 0.4
V
IOH = −3 mA, VDD = 5.5 V
Low Level Output Voltage, VOL
0.2
V
IOL = 20 μA
0.4
V
IOL = 2 mA, VDD = 3.3 V
0.4
V
IOL = 3 mA, VDD = 5.5 V
Power-Up Reset Voltage1
0.4
V
IOL = 20 μA, VDD ≥ 1.1 V
SENSE INPUTS
Falling Input Threshold Voltage, VIT−
1.22
1.25
1.28
V
TA = 0°C to 85°C
1.64
1.68
1.72
V
TA = 0°C to 85°C
2.20
2.25
2.30
V
TA = 0°C to 85°C
2.86
2.93
3.00
V
TA = 0°C to 85°C
4.46
4.55
4.64
V
TA = 0°C to 85°C
1.22
1.25
1.29
V
TA = −40°C to +85°C
1.64
1.68
1.73
V
TA = −40°C to +85°C
2.20
2.25
2.32
V
TA = −40°C to +85°C
2.86
2.93
3.02
V
TA = −40°C to +85°C
4.46
4.55
4.67
V
TA = −40°C to +85°C
Hysteresis at SENSEv Inputs, VHYS
10
mV
VIT− = 1.25 V
15
mV
VIT− = 1.68 V
20
mV
VIT− = 2.25 V
30
mV
VIT− = 2.93 V
40
mV
VIT− = 4.55 V
INPUT VOLTAGE AT MR
High Level, VIH
0.7 × VDD
V
Low Level, VIL
0.3 × VDD
V
INPUT TRANSITION RISE AND FALL RATE AT MR
50
ns/V
HIGH LEVEL INPUT CURRENT, IH
MR
−130
−180
μA
MR = 0.7 × VDD, VDD = 5.5 V
SENSE1
5
8
μA
SENSE1 = VDD = 5.5 V
SENSE2
6
9
μA
SENSE2 = VDD = 5.5 V
SENSE3
−25
+25
nA
SENSE3 = VDD
LOW LEVEL INPUT CURRENT, IL
MR
−430
−600
μA
MR = 0 V, VDD = 5.5 V
SENSEv
−25
+25
nA
SENSE1, SENSE2, SENSE3 = 0 V
1 The lowest supply voltage at which RESET becomes active. tr, VDD ≥ 15 μs/V.


Similar Part No. - ADM13307-33ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM13307 AD-ADM13307 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
More results

Similar Description - ADM13307-33ARZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3307- TI-TPS3307- Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18 TI1-TPS3307-18_16 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18DG4 TI-TPS3307-18DG4 Datasheet
765Kb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI-TPS3307-18-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-25DG4 TI-TPS3307-25DG4 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18-EP TI-TPS3307-18-EP Datasheet
166Kb / 10P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com