Selected language     English  ▼


ADM211ARSZ Datasheet(PDF) 4 Page - Analog Devices

Part No. ADM211ARSZ
Description  0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 4 page
background image
ADM206–ADM211/ADM213
Rev. C | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Min
VCC
–0.3 V to +6 V
V+
(VCC – 0.3 V) to +14 V
V–
+0.3 V to –14 V
Input Voltages
TIN
–0.3 V to (VCC + 0.3 V)
RIN
±30 V
Output Voltages
TOUT
(V+, +0.3 V) to (V–, –0.3 V)
ROUT
–0.3 V to (VCC + 0.3 V)
Short-Circuit Duration
TOUT
Continuous
Power Dissipation
N-24 PDIP (Derate 13.5 mW/°C
above 70°C)
1000 mW
R-24 SOIC (Derate 12 mW/°C
above 70°C)
850 mW
R-28 SOIC (Derate 12.5 mW/°C
above 70°C)
900 mW
RS-24 SSOP (Derate 12 mW/°C
above 70°C)
850 mW
RS-28 SSOP (Derate 10 mW/°C
above 70°C)
900 mW
Thermal Impedance, θJA
N-24 PDIP
120°C/W
R-24 SOIC
85°C/W
R-28 SOIC
80°C/W
RS-24 SSOP
115°C/W
RS-28 SSOP
100°C/W
Operating Temperature Range
Industrial (A Version)
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Lead Temperature, Soldering
300°C
Vapor Phase (60 s)
215°C
Infrared (15 s)
220°
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of
time may affect device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl